Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5017ALD Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # CF5017ALD
Description  3rd Overtone Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5017ALD Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button CF5017ALD Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5017ALD Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CF5017 series
SEIKO NPC CORPORATION —9
Switching Time Measurement Waveform
Output duty level, tr, tf
Output duty cycle
Output Enable/Disable Delay
when the device is in standby, the oscillator stops. When standby is released, the oscillator starts and stable
oscillator output occurs after a short delay.
0.9VDD
0.1VDD
0.9VDD
0.1VDD
tr
tf
Q output
DUTY measurement
voltage (0.5V DD
)
TW
DUTY measurement
voltage
(0.5VDD)
Q output
TW
T
DUTY= TW/ T
100 (%)
Q output
INHN
VIH
VIL
tPLZ
tPZL
INHN input waveform
tr = tf 10ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com