Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5761HA Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5761HA
Description  CMOS Analog Clock IC with Alarm Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5761HA Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5761HA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CF5761 series
SEIKO NPC CORPORATION —2
SERIES LINEUP
CF5761CA
CF5761EA
CF5761HA
Built-in
capacitance1
1. CG and CD built-in parasitic capacitance (CG = CD = 4pF)
CG [pF]
4
4
4
CD [pF]
27
27
27
Motor output
Active level
–
LOW
LOW
Needle period tCY [s]
0.0625 (8Hz sweep)
1
10
Pulsewidth tPW [ms]
62.5 (50% duty)
23.4
13.7
AI input
Active level
HIGH (pull-down)
HIGH (pull-down)
HIGH (pull-down)
Bounce delay [ms]
62.5
62.5
62.5
SN input
Active level
HIGH (pull-down)
HIGH (pull-down)
HIGH (pull-down)
Snooze time tSNZ [s]
300
300
300
Bounce delay [ms]
62.5
62.5
62.5
Alarm output
SEL pin
LOW
HIGH
LOW
HIGH
LOW
HIGH
Application
Simple alarm
Simple alarm
Step tone alarm
Simple alarm
Simple alarm
Simple alarm
AO1, AO3: tone
AO2: motor bell
AO1, AO3: tone
AO2: Magnet speaker
AO1, AO2: motor bell
AO1, AO2: motor bell
AO1, AO3: tone
AO1, AO3: tone
Pin
AO1
AO2
AO3
AO1
AO2
AO3
AO1
AO2
AO3
AO1
AO2
AO3
AO1
AO2
AO3
AO1
AO2
AO3
Active level
H
H
L
64Hz
clock
output
H
32Hz
clock
output
HL
32kHz
F
output
HL
32kHz
F
output
H
HLH
HL
Frequency fPW [kHz]
4
DC
4
2
–
–
DC
DC
4–44–4
Modulation
fCY [Hz]
Step 1
8
–
8
8
1+2+4+8
1+2+4+8
–
–
1+16
1+16
1+16
–
Step 2
–
–
–
–
1+2+8
1+2+8
–
–
–
–
–
–
Step 3
–
–
–
–
1+8
1+8
–
–
–
–
–
–
Step 4
–
–
–
–
DC
DC
–
–
–
–
–
–
Duty [%]
Step 1
50
–
50
50
50
50
–
–
50
–
50
–
Step 2
–
–
–
–
50
50
–
–
–
–
–
–
Step 3
–
–
–
–
50
50
–
–
–
–
–
–
Step 4
–
–
–
–
–
–
–
–
–
–
–
–
Step time [s]
Step 1
–
–
–
–
0–8
0–8
–
–
–
–
–
–
Step 2
–
–
–
–
8–16
8–16
–
–
–
–
–
–
Step 3
–
–
–
–
16–24
16–24
–
–
–
–
–
–
Step 4
–
–
–
–
24–
24–
–
–
–
–
–
–
Auto-stop [s]
None
None
None
IOH [mA] min.
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.01 −0.01
−0.9
−0.01 −0.01
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
IOL [mA] min.
0.9
0.01
0.9
0.9
0.01
0.9
0.01
0.9
0.01
0.01
0.9
0.01
0.9
0.01
0.9
0.9
0.01
0.9
CF5761LB
CF5761MB
CF5761NB
Built-in
capacitance1
1. CG and CD built-in parasitic capacitance (CG = CD = 4pF)
CG [pF]
4
4
4
CD [pF]
34
34
34
Motor output
Active level
LOW
–
LOW
Needle period tCY [s]
1
0.0625 (8Hz sweep)
1
Pulsewidth tPW [ms]
31.3
62.5 (50% duty)
23.4
AI input
Active level
LOW (pull-up)
LOW (pull-up)
LOW (pull-up)
Bounce delay [ms]
62.5
62.5
62.5
SN input
Active level
LOW (pull-up)
LOW (pull-up)
LOW (pull-up)
Snooze time tSNZ [s]
300
300
300
Bounce delay [ms]
62.5
62.5
62.5
Alarm output
SEL pin
LOW
HIGH
LOW
HIGH
LOW
HIGH
Application
Step volume alarm
Simple alarm
Step volume alarm
Simple alarm
Step volume alarm
Step volume alarm
AO1, AO2: tone
AO1, AO2: motor bell
AO1, AO2: tone
AO1, AO2: motor bell
AO1, AO2: tone
AO1, AO2: tone
Pin
AO1
AO2
AO3
AO1
AO2
AO3
AO1
AO2
AO3
AO1
AO2
AO3
AO1
AO2
AO3
AO1
AO2
AO3
Active level
H
L
Not
used
HH
Not
used
HL
Not
used
HH
Not
used
HL
Not
used
HL
Not
used
Frequency fPW [kHz]
2
2
DC
DC
2
2
DC
DC
4
4
2
2
Modulation
fCY [Hz]
Step 1
1+8
1+8
–
–
1+8
1+8
–
–
1+8
1+8
1+8
1+8
Step 2
1+8
1+8
–
–
1+8
1+8
–
–
1+8
1+8
1+8
1+8
Step 3
1+8
1+8
–
–
1+8
1+8
–
–
1+8
1+8
1+8
1+8
Step 4
–
–
–
–
1+8
1+8
–
–
–
–
–
–
Duty [%]
Step 1
6.25
6.25
–
–
6.25
6.25
–
–
6.25
6.25
12.5
12.5
Step 2
12.5
12.5
–
–
12.5
12.5
–
–
12.5
12.5
25
25
Step 3
50
50
–
–
25
25
–
–
50
50
50
50
Step 4
–
–
–
–
50
50
–
–
–
–
–
–
Step time [s]
Step 1
0–8
0–8
–
–
0–4
0–4
–
–
0–8
0–8
0–8
0–8
Step 2
8–16
8–16
–
–
4–8
4–8
–
–
8–16
8–16
8–16
8–16
Step 3
16–
16–
–
–
8–12
8–12
–
–
16–
16–
16–
16–
Step 4
–
–
–
–
12–
12–
–
–
–
–
–
–
Auto-stop [s]
300
300
300
IOH [mA] min.
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
−0.9
IOL [mA] min.
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com