Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGCT03KG Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MGCT03KG
Description  Transmit Circuit for TDMA/AMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCT03KG Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MGCT03KG Datasheet HTML 1Page - Zarlink Semiconductor Inc MGCT03KG Datasheet HTML 2Page - Zarlink Semiconductor Inc MGCT03KG Datasheet HTML 3Page - Zarlink Semiconductor Inc MGCT03KG Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCT03KG Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCT03KG Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCT03KG Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCT03KG Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCT03KG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MGCT03
2
Pin
Signal Name
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
CP2
AGC
RF DEG1
RF DEG2
RF GND
RF 1900
RF1900
RF 900
RF 900
VCO GND
VHF OSC BIAS
VHF OSC IN
VCO VCC
NC
GND
Q IN
Q IN
GND
I IN
I IN
VCC
UHF VCC
LO 2GHZ
GND UHF
LO 1GHZ
RF VCC
CP1
CP0
Control pin 2. See Tables 4 and 5 for function
Control voltage for IF and RF variable gain amplifiers
Connection to external inductor to control gain of power amplifiers
Connection to external inductor to control gain of power amplifiers
Ground connection to RF circuits
Inverse output from 1900MHz differential output driver
Output from 1900MHz differential output driver
Inverse output from 900MHz differential output driver
Output from 900MHz differential output driver
Ground connection for VHF oscillator
Switched bias voltage for external VHF oscillator
Input from external VHF oscillator
Positive supply to VHF oscillator
Not used
Ground connection
Q input
Q input
Ground connection
I input
I input
Positive supply connection
Positive supply to UHF oscillator input buffers
2GHz local oscillator input
Ground connection to UHF oscillator input buffers
1GHz local oscillator input
Positive supply connection to RF circuits
Control pin 1. See Tables 4 and 5 for function
Control pin 0. See Tables 4 and 5 for function
Table 1 - Pin Assignments
CP2
AGC
RF DEG1
RF DEG2
RF GND
RF 1900
RF 1900
RF 900
RF 900
VCO GND
VHF OSC BIAS
VHF OSC IN
VCO VCC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CP0
CP1
RF VCC
LO 1GHz
UHF GND
LO 2GHz
UHF VCC
VCC
I IN
I IN
GND
Q IN
Q IN
GND
MGCT03
QSOP28
Figure 2 - Pin Connections - top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com