Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES6218SAF Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES6218SAF
Description  Vibratto-S Automotive DVD Processor Product Brief
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6218SAF Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES6218SAF Datasheet HTML 2Page - ESS Technology,Inc ES6218SAF Datasheet HTML 3Page - ESS Technology,Inc ES6218SAF Datasheet HTML 4Page - ESS Technology,Inc ES6218SAF Datasheet HTML 5Page - ESS Technology,Inc ES6218SAF Datasheet HTML 6Page - ESS Technology,Inc ES6218SAF Datasheet HTML 7Page - ESS Technology,Inc ES6218SAF Datasheet HTML 8Page - ESS Technology,Inc ES6218SAF Datasheet HTML 9Page - ESS Technology,Inc ES6218SAF Datasheet HTML 10Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
SAM0575-021805
ESS Technology, Inc.
ES6218A PRODUCT BRIEF
ES6218A PIN DESCRIPTION
HWR#
149
I/O
Host write.
DCI_CLK
I/O
DVD channel data clock.
AUX4[5]
I/O
Aux4 data I/O.
HRD#
150
OHost read.
DCI_ACK#
O
DVD channel data valid.
AUX4[6]
I/O
Aux4 data I/O.
HIOCS16#
151
I
Device 16-bit data transfer.
CAMCLK
I
Camera port pixel clock input.
PIXIN_CLK
I
CCIR656 input pixel clock.
AUX3[4]
I/O
Aux3 data I/O.
HCS1FX#
152
OHost select 1.
AUX3[7]
I/O
Aux3 data I/O.
HCS3FX#
153
OHost select 3.
AUX3[6]
I/O
Aux3 data I/O.
HA[2:0]
154, 155, 158
I/O
Host address bus.
AUX4[4:2]
I/O
Aux4 data I/Os.
AUX0
160
I/O
Auxiliary port 0 (open collector).
I2CDATA
I/O
I2C data I/O.
AUX1
161
I/O
Auxiliary port 1 (open collector).
I2C_CLK
I/O
I2C clock I/O.
AUX2
162
I/O
Auxiliary port 2.
IOW#
O
I/O Write strobe (LCS1).
AUX3
165
I/O
Auxiliary port 3.
IOR#
O
I/O Read strobe (LCS1).
AUX4-7
166-169
I/O
Auxiliary ports 4-7.
LOE#
170
O
RISC port output enable.
LCS0#
173
O
RISC port chip select 0.
PIXOUT_CLK
O
CCIR656 output pixel clock.
LCS[3:1]#
174-176
O
RISC port chip select [3:1].
LD[15:0]
178-182, 185-191,
194-197
I/O
RISC port data bus.
LWRLL#
198
O
RISC port low-byte write enable.
LWRHL#
199
O
RISC port high-byte write enable.
CAMIN0
202
I
Camera YUV 0.
PIXIN0
I
CCIR656 input pixel 0.
CAMIN1
203
I
Camera YUV 1.
PIXIN1
I
CCIR656 input pixel 1.
Table 1
ES6218A Pin Description (Continued)
Name
Pin Numbers
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com