Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES6430 Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES6430
Description  Digital Media Processor Product Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6430 Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES6430 Datasheet HTML 1Page - ESS Technology,Inc ES6430 Datasheet HTML 2Page - ESS Technology,Inc ES6430 Datasheet HTML 3Page - ESS Technology,Inc ES6430 Datasheet HTML 4Page - ESS Technology,Inc ES6430 Datasheet HTML 5Page - ESS Technology,Inc ES6430 Datasheet HTML 6Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SAM0632a-013106
ESS Technology, Inc.
ES6430 PRODUCT BRIEF
QFP MECHANICAL DIMENSIONS
QFP MECHANICAL DIMENSIONS
The mechanical dimensions for the ES6430 QFP part are shown
in Figure 4.
Figure 4 Plastic Quad Flat Package (PQFP)
Mechanical Dimensions
E1
A2
A1
L
E
D1
b
D
ES6430
e
1
e1
L1
256-Pin PQFP
Table 1
ES6430 256-Pin PQFP Package Dimensions
Symbol
Descriptions
Millimeters
Minimum
Nominal
Maximum
D
Lead to lead, X-axis
—
30.60
—
D1
Package’s outside, X-axis
—
28.00
—
E
Lead to lead, Y-axis
—
30.60
—
E1
Package’s outside, Y-axis
—
28.00
—
A1
Board standoff
0.25
0.33
0.42
A2
Package thickness
3.20
3.32
3.60
b
Lead width
0.13
0.16
0.23
e
Lead pitch
—
0.40
—
e1
Lead gap
0.17
0.24
0.27
L
Foot length
0.45
0.60
0.75
L1
Lead length
—
1.30
—
—
Foot angle
0°
—
7°
—
Coplanarity
—
—
0.102
—
Number of leads in X-axis
—
64
—
—
Number of leads in Y-axis
—
64
—
—
Total number of leads
—
256
—
—
Package type
—
PQFP
—
For lead-free devices, the solder paste and PCB finish/plating must be 100% lead-free in order to ensure
proper solderability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com