Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES8680 Datasheet(PDF) 2 Page - ESS Technology,Inc

Part # ES8680
Description  Phoenix LMX DVD Processor Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES8680 Datasheet(HTML) 2 Page - ESS Technology,Inc

  ES8680 Datasheet HTML 1Page - ESS Technology,Inc ES8680 Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
http://www.esstech.com
© 2006 ESS Technology, Inc.
SAM0647-032406
ES8680 PRODUCT BRIEF
No part of this publication may be reproduced, stored in a retrieval
system, transmitted, or translated in any form or by any means,
electronic, mechanical, manual, optical, or otherwise, without the prior
written permission of ESS Technology, Inc.
ESS Technology, Inc. makes no representations or warranties
regarding the content of this document.
All specifications are subject to change without prior notice.
ESS Technology, Inc. assumes no responsibility for any errors
contained herein.
U.S. patents pending.
MPEG is the Moving Picture Experts Group of the ISO/IEC. References
to MPEG in this document refer to the ISO/IEC JTC1 SC29 committee
draft ISO 11172 dated January 9, 1992.
Phoenix, Vibratto, SmartBright, SmartLogo, SmartColor, and Music
Slideshow are trademarks of ESS Technology, Inc.
Dolby is a trademark of Dolby Laboratories, Inc.
Trusurround, Trusurround XT, SRS, and (o) symbol are trademarks of
SRS Labs., Inc.
All other trademarks are trademarks of their respective companies and
are used for identification purposes only.
ESS Technology, Inc.
48401 Fremont Blvd.
Fremont, CA 94538
Tel: (510) 492-1088
Fax: (510) 492-1898
Detailed Features
Servo
- Built-in RF amplifier and servo controller
- High-performance focusing, sledding, tracking and
CLV/CAV spindle servo control
- DVD-Video, DVD-R/RW, DVD+R/RW, SVCD, VCD,
CD-ROM, CD-R/RW, CD-DA support
Video Decode
- DivX Home Theater quality video at full screen (D1) *
- MPEG-4 Advanced Simple Profile video including
GMC and QPEL support *
- JPEG digital photo support (Kodak Picture CD™
and Fujifilm FujiColor CD™)
- OSD controller supports 256 colors in 8 degrees of
transparency
- Sub-picture Unit (SPU) decoder supports karaoke
lyric, subtitles and EIA-608 compliant Line 21
captioning
- Pixel-adaptive de-interlacer
* Not all features are available with all Phoenix LMX parts.
Refer to the Ordering Information page for additional
details or consult your ESS Sales Representative.
System
- 16-bit DRAM interface for up to 128-Mb capacity
- 8-bit EPROM/Flash interface for up to 4 banks x
4 MB
- USB full-speed host controller
- Serial UART port
Audio Decode
- Dolby Digital, MP3 and WMA
Video Input/Output
- Six video DACs
- Macrovision protected, NTSC/PAL interlaced, and
progressive scan video output
- BT656 video input and output ports
Audio Input/Output
- Stereo audio ADC
- SPDIF digital audio input and output
- 6-channel audio DAC
Package Type
- 208-pin PQFP with lead free leads
Phoenix LMX DVD Development Kit
The Phoenix DVD LMX Development Kit
comes with a complete set of tools:
DVD reference design
Data sheet and schematics
User Interface software source code
ROM emulator for code development
Additionally ESS provides FAE support for:
Customer prototype design
Firmware customization
Servo tuning assistance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com