Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34013-0832-R2-4 Datasheet(PDF) 2 Page - Kontron

Part # 34013-0832-R2-4
Description  COM Express® mini Type 10 with Intel Atom® x6000E
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

34013-0832-R2-4 Datasheet(HTML) 2 Page - Kontron

  34013-0832-R2-4 Datasheet HTML 1Page - Kontron 34013-0832-R2-4 Datasheet HTML 2Page - Kontron 34013-0832-R2-4 Datasheet HTML 3Page - Kontron 34013-0832-R2-4 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron.com
COMe-mEL10 (E2)
Technical Information
Block Diagram
COMPLIANCE
COM Express® mini, Pin-out Type 10 - COM.0 R3.0
DIMENSIONS (H x W)
84 mm x 55 mm
CPU
Intel Atom® x6000E Series, Pentium® and Celeron® Processors
For details see table (CPU variants) given below
CHIPSET
-
MAIN MEMORY
Up to 16 GByte LPDDR4-4267 memory down (In-Band ECC)
GRAPHICS CONTROLLER
SOC: Intel® HD Gfx Gen11: LVDS/eDP, 1x DP++, up to 4K
ETHERNET CONTROLLER
SOC + LAN PHY GPY115 (GPY215 on request) + 2x optional as SGMII instead of SATA
ETHERNET
1 GBit Ethernet (2.5 GBit on request with GPY215) + 2x optional 2.5 GBit
STORAGE
2x SATA 6Gb/s, SDIO Interface (shared with GPIO)
FLASH ONBOARD
eMMC option – up to 256 GByte
PCI EXPRESS®
PCIe Gen 3.0 - PCIe lane configurations: 4 x1, 2 x1 + 1 x2, 2 x2
DISPLAY
DDI: DP++, LVDS: Single Channel 18/24 bit or eDP 1.3
USB
2x USB 3.1 (incl. USB 2.0) + 6x USB 2.0, Port 7 is dual role (Client/Host)
SERIAL
2x serial interface (RX/TX only), optional CAN
AUDIO
Intel® High Definition Audio
OTHER FEATURES
SPI, LPC, SMB, Fast I²C, Staged Watchdog, RTC
SPECIAL FEATURES
Industrial grade temperature
FEATURES ON REQUEST
eMMC Flash configuration (up to 84 GByte pSLC, up to 256 GByte TLC)
eDP instead of LVDS
General Purpose SPI instead of Boot SPI
USB client, Trusted Platform Module TPM 2.0, de-populated LAN PHY
POWER MANAGEMENT
ACPI 6.0
POWER SUPPLY
4.75 V – 20 V Wide Range, Single Supply Power
BIOS
AMI Aptio V
OPERATING SYSTEM
Microsoft® Windows 11 IoT LTSC, Microsoft® Windows 10 IoT LTSC, Linux, VxWorks
TEMPERATURE
COMe-mEL10- commercial temperature: 0 °C to +60 °C operating, -30 °C to +85 °C non-operating
COMe-mEL10 E2 - industrial temperature: -40 °C to +85 °C operating, -40 °C to +85 °C non-operating
HUMIDITY
93 % relative Humidity at 40 °C, non-condensing (according to IEC 60068-2-78)
USB #0-1
(USB 3.1)
LAN
RSVDpins
GbE
Misc
SDIO
eDP
eDP
PwrCtrl
SysMgmt
SER0
SER1
eSPI
SPI
DP++
(DDI0)
PCIe #0-3
SGMII
SATA0
SATA1
2x
UART
Intel Atom® x6000(R)E,
Pentium® and Celeron® Series
Connector
Option
Standard
component
HWM
USB #0-7
(USB 2.0)
PWM
FAN1
I2C
SMB
LID
Sleep
LVDS
GPIO
(SDIO)
Embedded Controller
HWM
CPU FAN0
Power sequencing
Watchdog
eSPI2I2C
I2C
EEPROM
USB 3.1
(HSIO #0,#1)
Gen11
iGFX
USB 2.0
Host
SPI
BIOS Flash
GPIO
Ctrl
Mgmt
GPIO Buffer
COM Express® connector AB – Pin-out Type 10
eDP2LVDS
PTN3460
PCIe #0-3
(HSIO
#2-5)
LAN
(HSIO
#7)
TPM
Intel
GPY115
(GPY215)
SATA
(HSIO
#10,11)
HSIO
#6,8,9
(not used)
TPM
2.0
SATA
alternatively
conf. as
GbE
eMMC
LPC
(eSPI)
HDA
GP
SPI
LPDDR4 - max 4267MT/s
IB-ECC
up to 16GB memory down
LPDDR4 - max 4267MT/s
IB-ECC
up to 16GB memory down
LPDDR4 - max 4267MT/s
IB-ECC
up to 16GB memory down
2x
CAN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com