Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF1156 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF1156
Description  Melody LSIs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1156 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF1156 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CF1156 series
SEIKO NPC CORPORATION —2
PAD LAYOUT and COORDINATES
(Unit:
µm)
PAD DESCRIPTION
Chip size: 1.23
× 1.23mm
Chip thickness: 300 ± 30µm
T1, T2, TC, and TO bonding is not required.
VDD
(0,0)
(1230,1230)
1
2
3
4
5
6
78
9
10
11
LO
BO
TC
T2
T1
VSS TO OSH
LH
VSS
Number
Pad
Pad dimensions (Unit:
µm)
XY
1
BO
930
1075
2
LO
529
1075
3
VDD
155
1075
4
TC
155
887
5
T2
155
608
6
T1
155
420
7
VSS
223
155
8
TO
486
155
9
OSH
750
155
10
LH
1041
155
11
VSS
1075
420
Name
Function
OSH, LH
Melody mode control inputs. Built-in pull-down resistors mean LOW-level signals are obtained when inputs are open circuit. The
resistance of the pull-down resistor varies with the applied voltage, as described in the Electrical Characteristics.
LO
LED drive output, HIGH level during non-play mode.
BO
Piezoelectric speaker driver output. LOW level output during non-play mode and during musical rest notes. HIGH level output
during gaps between melody notes.
VDD
Supply. The rear surface of the chip is VDD level.
VSS
Ground
T1, T2, TC
Test inputs. Pull-down resistor built-in.
TO
Test output. The oscillator frequency (typ. 50kHz) is output for monitoring purposes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com