Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-F4030 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-F4030
Description  Molded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-F4030 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-F4030 Datasheet HTML 1Page - Abracon Corporation ASPI-F4030 Datasheet HTML 2Page - Abracon Corporation ASPI-F4030 Datasheet HTML 3Page - Abracon Corporation ASPI-F4030 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: A 06-20-24
For terms and conditions of sales, please visit:
www.abracon.com
Molded SMD Power Inductor
ASPI-F4030
4.1 x 4.1 x 2.8mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Inductance Code
e.g. 4R7
XXX
ASPI-F4030 -
-
Marking Method = Ink Marking
Dimensions: mm
Inductance Code
See Electrical Specification table
Packaging
T: Tape and Reel (See Packaging)
Tolerance
M = ± 20%
Series
A
B
C
D
E
F
I
H
J
ASPI-F4030
4.1 ± 0.25
4.1 ± 0.25
2.8 ± 0.2
3.4 ± 0.3
.88 ± 0.3
1.7 ± 0.3
1.0 Typ.
3.8 Typ.
1.4 Typ.
Mechanical Specifications
Part Identification
Marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com