Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-F4030-R47M-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-F4030-R47M-T
Description  Molded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-F4030-R47M-T Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-F4030-R47M-T Datasheet HTML 1Page - Abracon Corporation ASPI-F4030-R47M-T Datasheet HTML 2Page - Abracon Corporation ASPI-F4030-R47M-T Datasheet HTML 3Page - Abracon Corporation ASPI-F4030-R47M-T Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: A 06-20-24
For terms and conditions of sales, please visit:
www.abracon.com
Molded SMD Power Inductor
ASPI-F4030
4.1 x 4.1 x 2.8mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Test Conditions
Isat: DC current at which the inductance drops 30% from its value without current.
Irms: DC current that causes the temperature rise (ΔT, approximate 40 ˚C) from 25°C ambient.
Operating Temperature: -55˚C ~ +125˚C (including self-temperature rise)
Storage Condition: -55˚C ~ +125˚C (on board), -10˚C ~ +40˚C (with packaging) and R.H. 70% max
ASPI-F4030 Series is RoHS Compliant and Pb free
Part Number
Inductance
Tolerance
DC Resistance
Saturation
Current
Temperature
Rise Current
0.1MHz/1.0V
Max
Typ.
Typ.
Typ.
Units
μH
%
mΩ
A
A
Symbol
L
M
DCR
Isat
Irms
ASPI-F4030-R47M-T
0.47
20
7.26
6.4
17
14
ASPI-F4030-R90M-T
0.9
20
10.1
8.9
10
11.2
ASPI-F4030-1R0M-T
1.0
20
10.1
8.9
9.8
11
ASPI-F4030-1R2M-T
1.2
20
11.5
10.1
9.2
9.8
ASPI-F4030-1R5M-T
1.5
20
13.2
11.6
8
9
ASPI-F4030-2R2M-T
2.2
20
22.6
20
7.0
7.8
ASPI-F4030-3R3M-T
3.3
20
28.6
25.3
6.2
6.6
ASPI-F4030-4R7M-T
4.7
20
44.1
38.8
4.5
5.1
ASPI-F4030-6R8M-T
6.8
20
74.1
65.2
3.6
3.9
 Shielded construction
 Soft saturation
 Low DCR, High Efficiency
 High temperature current rating
 Body electronics and comfort system
 Infotainment and entertainment
 Electric vehicles
 Lighting
 Solar inverters and power
 Industrial and robotics
 Medium and high-power switch mode power
supplies.
Electrical Specifications
Applications
Features


Similar Part No. - ASPI-F4030-R47M-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0302 ABRACON-ASPI-0302 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-100 ABRACON-ASPI-0302-100 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-101 ABRACON-ASPI-0302-101 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-120 ABRACON-ASPI-0302-120 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-121 ABRACON-ASPI-0302-121 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
More results

Similar Description - ASPI-F4030-R47M-T

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5447.XXXNLT PULSE-PA5447.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
PA5448.XXXNLT PULSE-PA5448.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
PA5449.XXXNLT PULSE-PA5449.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
logo
Shenzhen Codaca Electro...
CSEB0550H CODACA-CSEB0550H Datasheet
827Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0630 CODACA-CSEB0630 Datasheet
1,008Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730 CODACA-CSEB0730 Datasheet
1,000Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0770 CODACA-CSEB0770 Datasheet
933Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0850 CODACA-CSEB0850 Datasheet
929Kb / 7P
Molded Power Inductor
07/14/2020
CSEB1350 CODACA-CSEB1350 Datasheet
900Kb / 7P
Molded Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com