Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IBPW Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564IBPW
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IBPW Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC8564IBPW Datasheet HTML 21Page - Texas Instruments DAC8564IBPW Datasheet HTML 22Page - Texas Instruments DAC8564IBPW Datasheet HTML 23Page - Texas Instruments DAC8564IBPW Datasheet HTML 24Page - Texas Instruments DAC8564IBPW Datasheet HTML 25Page - Texas Instruments DAC8564IBPW Datasheet HTML 26Page - Texas Instruments DAC8564IBPW Datasheet HTML 27Page - Texas Instruments DAC8564IBPW Datasheet HTML 28Page - Texas Instruments DAC8564IBPW Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
www.ti.com
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC
Register
REF(+)
ResistorString
REF( )
-
V
L
REF
V
H
REF
V
OUTX
62kW
50kW
50kW
V
OUTX + 2
V
REFL
) (VREFH * VREFL)
D
IN
65536
(1)
RESISTOR STRING
V
REF
R
R
R
R
V
REF
2
R
DIVIDER
ToOutputAmplifier
(2xGain)
OUTPUT AMPLIFIER
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
The DAC8564 architecture consists of a string DAC
followed by an output buffer amplifier. Figure 92
shows a block diagram of the DAC architecture.
Figure 92. DAC8564 Architecture
The input coding to the DAC8564 is straight binary,
so the ideal output voltage is given by Equation 1.
where DIN = decimal equivalent of the binary code
that is loaded to the DAC register; it can range from 0
to 65535. X represents channel A, B, C, or D.
The resistor string section is shown in Figure 93. It is
simply a string of resistors, each of value R. The
code loaded into the DAC register determines at
which node on the string the voltage is tapped off to
Figure 93. Resistor String
be fed into the output amplifier by closing one of the
switches connecting the string to the amplifier. It is
monotonic because it is a string of resistors.
The output buffer amplifier is capable of generating
rail-to-rail voltages on its output, giving an output
range of 0V to AVDD. It is capable of driving a load of
2k
Ω in parallel with 1000pF to GND. The source and
sink capabilities of the output amplifier can be seen in
the Typical Characteristics. The slew rate is 2.2V/
µs,
with a full-scale settling time of 8
µs with the output
unloaded.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com