Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5015BL2 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5015BL2
Description  2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5015BL2 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5015BL2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5015BL2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5015BL2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5015BL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5015BL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5015BL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5015BL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5015BL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5015BL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CF5015 series
SEIKO NPC CORPORATION —3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
2.5V operation (CF5015AL
×/CF5015BL×)
VSS = 0V
3V operation (CF5015BL
×)
VSS = 0V
5V operation (CF5015BL
×)
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to +7.0
V
Input voltage range
VIN
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
TSTG
−65 to +150
°C
Output current
IOUT
12
mA
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
2.25 to 2.75
V
Input voltage range
VIN
VSS to VDD
V
Operating temperature range
TOPR
−40 to +85
°C
Oscillation frequency range
fO
CF5015AL
×
4 to 60
MHz
CF5015BL
×
12 to 60
MHz
Output frequency range
fOUT
CF5015AL
×
CL ≤ 15pF
0.25 to 60
MHz
CL ≤ 30pF
0.25 to 50
MHz
CF5015BL
×
CL ≤ 15pF
0.75 to 60
MHz
CL ≤ 30pF
0.75 to 50
MHz
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
2.7 to 3.6
V
Input voltage range
VIN
VSS to VDD
V
Operating temperature range
TOPR
−40 to +85
°C
Oscillation frequency range
fO
12 to 60
MHz
Output frequency range
fOUT
CL ≤ 15pF
0.75 to 60
MHz
CL ≤ 30pF
0.75 to 50
MHz
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
4.5 to 5.5
V
Input voltage range
VIN
VSS to VDD
V
Operating temperature range
TOPR
−40 to +85
°C
Oscillation frequency range
fO
12 to 60
MHz
Output frequency range
fOUT
CL ≤ 30pF
0.75 to 60
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com