Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175MD Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 175MD
Description  Multi-Function Timer "With Display"
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

175MD Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  175MD Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 175MD Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Multi-Function Timer "With Display"
DIMENSIONS (MILLIMETERS)
TERMINAL CONNECTIONS
• 15 Functions
• 8 Time Ranges
• Front Key Pad Setting
• Universal supply voltage
• Slim, Space Saving Design
• DIN Rail Mount
SPECIFICATIONS
ACCURACY
Setting: ±0.1% of set time of ±50mSec
Repeat: ±0.1%
RESET
Reset time < 100 msec, Front Key,
Interruption of Power
OUTPUT
SPDT (1 C/O)
CONTACT
CONTACT RATING 8A @ 250V AC
MODES
On delay (A)
Interval (B)
Asymmetrical cyclic OFF first (C)
Asymmetrical cyclic ON first (D)
Cyclic equal OFF first (E)
Cyclic equal ON first (F)
Pulse output (H)
Delay on break (J)
Delay on make/break (K)
Interval after break (L)
Single shot (P)
Retriggerable Single shot (Q)
Latching relay (R)
Delay with Totalise (t)
Interval with Totalise (U)
TIME RANGES
0 - 99.9 sec/min/hr
0 - 999 sec/min/hr
0 - 9:59 min:sec
0 - 9:59 hr:min
SUPPLY
20-240V AC/DC
VOLTAGE
AC : (50 / 60 Hz)
POWER
4 VA max
CONSUMPTION
TEMPERATURE
Operating: 0 to 50°C (32 to 122°F)
Storage: -20 to 75°C (-4 to 167°F)
HUMIDITY
95% RH
(NON-CONDENSING)
WEIGHT
0.163 lbs.
PROTECTION
IP40 for Casing
LEVEL
IP20 for Terminals
ORDERING INFORMATION
PART NO.
SUPPLY VOLTAGE
175MD
20-240V AC/DC
AC: 50/60Hz
44mm
60 mm
Cable Size (AWG): 16 ; Tightening Torque (Lb-inch): 4.5
Cable Size (mm2): 1.5 ; Tightening Torque (N-m): 0.5
+
A1
15
16 18
NC
NO
COM
Control
Contact
Y1
~
25
A2
–
Symmetrical 35mm Din Rail (EN50022) Mounting
17.5
mm
Automatic Timing & Controls
800.727.5646
atcdiversified.com
IND. CONT. EQ.
496Y


Similar Part No. - 175MD

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
175MS8E HITTITE-175MS8E Datasheet
172Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
logo
Automatic Timing & Cont...
175MU ATC-175MU Datasheet
322Kb / 2P
Multi-Function Timer
More results

Similar Description - 175MD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
August 1997
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
May 2001
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
8-Digit Multi-Function Frequency Counter/Timer
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
TPL5010 Nano-power System Timer with Watchdog Function
logo
PHOENIX CONTACT
ETD-BL-1T-F-10S PHOENIX-ETD-BL-1T-F-10S Datasheet
155Kb / 8P
Timer relay with flash function and adjustable time
logo
SELEC Controls Pvt. Ltd
800POD SELEC-800POD Datasheet
134Kb / 1P
Special Function Timer
800SD-2 SELEC-800SD-2 Datasheet
150Kb / 1P
Special Function Timer
800XMR SELEC-800XMR Datasheet
125Kb / 1P
Special Function Timer
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
MULTI-FUNCTION DIGITAL TIMER
logo
Realtek Semiconductor C...
RTD2556-CG REALTEK-RTD2556-CG Datasheet
1Mb / 22P
MULTI-FUNCTION DISPLAY CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com