Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175MU Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 175MU
Description  Multi-Function Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

175MU Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  175MU Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 175MU Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
23
44mm
60 mm
Cable Size (AWG): 16 ; Tightening Torque (Lb-inch): 4.5
Cable Size (mm2): 1.5 ; Tightening Torque (N-m): 0.5
+
A1
15
16 18
NC
NO
COM
Control
Contact
Y1
~
25
A2
–
Symmetrical 35mm Din Rail (EN50022) Mounting
17.5
mm
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Multi-Function Timer
TERMINAL CONNECTIONS
DIMENSIONS (MILLIMETERS)
SPECIFICATIONS
ACCURACY
Setting: ±5% of F.S.
Repeat: ±0.5% (F.S. = Full Scale)
RESET
Reset time < 100 msec
OUTPUT
SPDT (1 C/O)
CONTACT
CONTACT
N/O:5A@ 250V AC
RATING
N/C:3A @ 250V AC
MODES
On delay (A)
Interval (B)
Cyclic equal OFF first (C)
Cyclic equal ON first (Ci)
Pulse output, 500ms fixed (D)
Delay on break (E)
Delay on make / Delay on break (F)
Interval after break (H)
Single shot (I)
Retriggerable Single shot (J)
Latching relay (K)
Delay with Totalize (Ai)
Interval with Totalize (Bi)
TIME RANGES
0.1 - 1 sec, 0.3 - 3 sec, 1-10 sec, 3-30 sec
0.1-1 min, 0.3-3 min, 1-10 min, 3-30 min
0.1-1 hr, 0.3-3 hr
SUPPLY
20-240V AC, 12-240V DC
VOLTAGE
AC : (50 / 60 Hz)
POWER
43.2VA max
CONSUMPTION
TEMPERATURE
Operating: 0 to 50°C (32 to 122°F)
Storage: -20 to 75°C (-4 to 167°F)
HUMIDITY
95% RH
(NON-CONDENSING)
WEIGHT
0.163 lbs.
PROTECTION
IP40 for Casing
LEVEL
IP20 for Terminals
• 13 Functions
• 10 Time Ranges
• Front knobs for Time Range,
Time Scale & Mode Setting
• Slim, Space Saving Design
• DIN Rail Mount
ORDERING INFORMATION
PART NO.
SUPPLY VOLTAGE
175MU
20-240V AC/DC
12-240V DC
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 175MU

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
175MD ATC-175MD Datasheet
423Kb / 2P
Multi-Function Timer "With Display"
logo
Hittite Microwave Corpo...
175MS8E HITTITE-175MS8E Datasheet
172Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
More results

Similar Description - 175MU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
August 1997
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
8-Digit, Multi-Function, Frequency Counter/Timer
May 2001
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
8-Digit Multi-Function Frequency Counter/Timer
logo
Panasonic Semiconductor
PM4HS-H-AC240V PANASONIC-PM4HS-H-AC240V Datasheet
726Kb / 24P
MULTI-RANGE ANALOG TIMER
logo
List of Unclassifed Man...
BL1R ETC2-BL1R Datasheet
611Kb / 3P
Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
Multi-function or mono-function
logo
SELEC Controls Pvt. Ltd
800POD SELEC-800POD Datasheet
134Kb / 1P
Special Function Timer
800SD-2 SELEC-800SD-2 Datasheet
150Kb / 1P
Special Function Timer
800XMR SELEC-800XMR Datasheet
125Kb / 1P
Special Function Timer
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com