Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5036B2 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5036B2
Description  2.5V LVPECL Output Oscillator ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5036B2 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button CF5036B2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5036B2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5036B2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5036B2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5036B2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5036B2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5036B2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5036B2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5036B2 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CF5036 series
SEIKO NPC CORPORATION —6
Switching Characteristics
3.3V operation
VCC = 3.0 to 3.6V, GND = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Output duty cycle 1
Duty1
Measurement cct. 4, measured
at output crossing point,
Ta = 25
°C, VCC = 3.3V
f
< 350MHz
45
–
55
%
f
≥ 350MHz
40
–
60
%
Output duty cycle 2
Duty2
Measurement cct. 4,
measured at 50% output swing,
Ta = 25
°C, VCC = 3.3V
f
< 350MHz
45
–
55
%
f
≥ 350MHz
40
–
60
%
Output swing*1
*1. The said values are measured by using the NPC standard jig.
VOpp
Measurement cct. 4,
Ta = TOPR,
Peak to peak of single output
waveform
5036G
×: f = 80MHz
0.4
–
–
V
5036A
×: f = 120MHz
0.4
–
–
V
5036B
×: f = 180MHz
0.4
–
–
V
5036C
×: f = 250MHz
0.4
–
–
V
5036D
×: f = 400MHz
0.4
–
–
V
5036E
×: f = 600MHz
0.4
–
–
V
5036F
×: f = 700MHz
0.4
–
–
V
Output rise time
tr
Measurement cct. 4, 20 to 80% output swing
–
0.3
0.7
ns
Output fall time
tf
Measurement cct. 4, 80 to 20% output swing
–
0.3
0.7
ns
Output enable time*2
*2. The built-in oscillator stop function does not operate with normal output immediately when OE goes HIGH. Instead, normal output occurs after the
oscillator startup time has elapsed.
tOE
Measurement cct. 1, Ta = 25
°C
––2
ms
Output disable time
tOD
Measurement cct. 1, Ta = 25
°C
–
–
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com