Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5037C1 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5037C1
Description  2.5V LVDS Output Oscillator ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5037C1 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5037C1 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5037C1 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5037C1 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5037C1 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5037C1 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5037C1 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5037C1 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5037C1 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5037C1 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CF5037 series
SEIKO NPC CORPORATION —2
PAD LAYOUT
(Unit:
µm)
PIN DESCRIPTION and PAD DIMENSIONS
Chip size: 1.10
× 1.30mm
Chip thickness: 300 ± 30µm
PAD size: 150µm
× 100µm (VCC, OUT, OUTN pins)
100µm
× 100µm (excluding VCC, OUT, OUTN pins)
Chip base: GND potential
Note: The TEST pin is not used during normal operation.
Pad No.
Name
I/O
Function
Pad dimensions [µm]
XY
1
VCC
–
(+) supply pin
160
130
2
XIN
I
Oscillator input pin
511
130
3
XOUT
O
Oscillator output pin
740
130
4
GND
–
(–) ground pin
965
130
5OE
I
Output enable pin. Outputs are high impedance when LOW (oscillator
stopped). Power-saving pull-up resistor built-in.
896
1170
6
VCC2
–
(+) output buffer supply pin
756
1170
7
OUTN
O
Output pin (complementary)
523
1170
8
OUT
O
Output pin (true)
244
1170
9
TEST
I
IC test pin. Leave open circuit for normal operation.
136
678
(0,0)
(1100,1300)
X
Y
DB5037
1
VCC
TEST
GND
XIN XOUT
23
4
5
6
7
OUT OUTN
8
9
VCC2 OE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com