Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5037C2 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5037C2
Description  2.5V LVDS Output Oscillator ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5037C2 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5037C2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5037C2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5037C2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5037C2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5037C2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5037C2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5037C2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5037C2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5037C2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CF5037 series
SEIKO NPC CORPORATION —5
Electrical Characteristics
3.3V operation
VCC = 3.0 to 3.6V, GND = 0V, Ta = −40 to +85°C unless otherwise noted.
2.5V operation
VCC = 2.375 to 2.625V, GND = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Conditions
Rating*1
*1. Values in parentheses ( ) are provisional only.
Unit
Min
Typ
Max
Current consumption 1
IEE1
Measurement cct. 1,
OE = open
5037A1, B
×, C×, D×
–45
66
mA
5037E
×, F×
–
(53)
(73)
mA
Current consumption 2
IEE2
Measurement cct. 1, OE = LOW
–
–
30
µA
HIGH-level output voltage
VOH
Measurement cct. 1, OE = open, RL = 100Ω,
OUT, OUTN pins, f = 100MHz
–
1.43
1.6
V
LOW-level output voltage
VOL
0.9
1.1
–
V
Differential output voltage
VOD
Measurement cct. 1, OE = open, RL = 100Ω,
OUT–OUTN differential voltage, f = 100MHz
247
330
454
mV
Differential output error
∆VOD
––
50
mV
Offset voltage
VOS
Measurement cct. 1, OE = open, RL = 100Ω,
OUT–OUTN mid-level potential, f = 100MHz
1.125
1.25
1.375
V
Offset error
∆VOS
––
50
mV
Output leakage current
IZ
Measurement cct. 2, OE = LOW, OUT, OUTN pins
–
–
10
µA
HIGH-level input voltage
VIH
Measurement cct. 1, OE pin
0.7VCC
––
V
LOW-level input voltage
VIL
Measurement cct. 1, OE pin
–
–
0.3VCC
V
LOW-level input current 1
IIL1
Measurement cct. 1, VIL = 0V, OE pin
−2–
−20
µA
LOW-level input current 2
IIL2
Measurement cct. 1, VIL = 0.7VCC, OE pin
−20
–
−200
µA
Pull-down resistance 1
RPD1
Measurement cct. 2, XIN pin
12
24
48
k
Ω
Parameter
Symbol
Conditions
Rating*1
*1. Values in parentheses ( ) are provisional only.
Unit
Min
Typ
Max
Current consumption 1
IEE1
Measurement cct. 1,
OE = open
5037A1, B
×, C×, D×
–43
63
mA
5037E
×, F×
–
(51)
(70)
mA
Current consumption 2
IEE2
Measurement cct. 1, OE = LOW
–
–
30
µA
HIGH-level output voltage
VOH
Measurement cct. 1, OE = open, RL = 100Ω,
OUT, OUTN pins, f = 100MHz
–
1.43
1.6
V
LOW-level output voltage
VOL
0.9
1.1
–
V
Differential output voltage
VOD
Measurement cct. 1, OE = open, RL = 100Ω,
OUT–OUTN differential voltage, f = 100MHz
247
330
454
mV
Differential output error
∆VOD
––
50
mV
Offset voltage
VOS
Measurement cct. 1, OE = open, RL = 100Ω,
OUT–OUTN mid-level potential, f = 100MHz
1.125
1.25
1.375
V
Offset error
∆VOS
––
50
mV
Output leakage current
IZ
Measurement cct. 2, OE = LOW, OUT, OUTN pins
–
–
10
µA
HIGH-level input voltage
VIH
Measurement cct. 1, OE pin
0.7VCC
––
V
LOW-level input voltage
VIL
Measurement cct. 1, OE pin
–
–
0.3VCC
V
LOW-level input current 1
IIL1
Measurement cct. 1, VIL = 0V, OE pin
−2–
−20
µA
LOW-level input current 2
IIL2
Measurement cct. 1, VIL = 0.7VCC, OE pin
−10
–
−150
µA
Pull-down resistance 1
RPD1
Measurement cct. 2, XIN pin
12
24
48
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com