Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5037D2 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # CF5037D2
Description  2.5V LVDS Output Oscillator ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5037D2 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button CF5037D2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5037D2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5037D2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5037D2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5037D2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5037D2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5037D2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5037D2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5037D2 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CF5037 series
SEIKO NPC CORPORATION —9
MEASUREMENT CIRCUITS
Measurement Circuit 1
Measurement Circuit 2
Measurement Circuit 3
500mVp-p, sine wave
C1: 0.01µF
R1: 49.9
Ω
Note. Connect 0.01µF and approximately 10µF bypass capacitors between supply (VCC, VCC2) and
GND. Note that the 0.01µF capacitor should have circuit wiring as short as possible.
R1: 49.9
Ω
Note 1. Connect 0.01µF and approximately 10µF bypass capacitors between supply (VCC, VCC2) and
GND. Note that the 0.01µF capacitor should have circuit wiring as short as possible.
Note 2. The recommended differential probe used for measurement should have 5GHz analog
bandwidth,
≥ 50kΩ impedance, and < 1pF capacitive load.
Note 3. If common-mode noise becomes a problem, a DC decoupling capacitor (approximately 1000pF)
and terminating resistor matching the common-mode signal should be connected to the output
center tap.
Signal
Generator
VCC
R1
C1
XOUT
OE
VCC2
OUT
GND,TEST
OUTN
VIH,VIL
R1
R1
A IEE1, IEE2
A
VOD,
∆VOD
VOH,VOL
VOS,
∆VOS
IIL1, IIL2
VCC
VCC2
OUT
GND
OUTN
IZ
XIN
OE
A
RPD1=VCC/IPD1
IPD1
A
A
IZ
VCC
XOUT
VCC2
OUT
GND
OUTN
R1
R1
XIN
OE
Duty,VOpp,tr,tf
Test point
Test point



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com