Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5037F2 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # CF5037F2
Description  2.5V LVDS Output Oscillator ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5037F2 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button CF5037F2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5037F2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5037F2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5037F2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5037F2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5037F2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5037F2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5037F2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5037F2 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CF5037 series
SEIKO NPC CORPORATION —7
2.5V operation
VCC = 2.375 to 2.625V, GND = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Conditions
Rating*1
*1. Values in parentheses ( ) are provisional only.
Unit
Min
Typ
Max
Output duty cycle
Duty
Measurement cct. 3, measured at
0V differential output (crossing
point), Ta = 25
°C, VCC = 2.5V
f
< 350MHz
45
–
55
%
f
≥ 350MHz
40
–
60
%
Output swing*2
*2. The said values are measured by using the NPC standard jig.
VOpp
Measurement cct. 3, Ta = TOPR,
differential output waveform peak-
to-peak
5037A1: f = 120MHz
0.25
–
–
V
5037B
×: f = 180MHz
0.25
–
–
V
5037C
×: f = 250MHz
0.25
–
–
V
5037D
×: f = 400MHz
0.25
–
–
V
5037E
×: f = 600MHz
(0.25)
–
–
V
5037F
×: f = 700MHz
(0.25)
–
–
V
Output rise time
tr
Measurement cct. 3, 20 to 80% differential output swing
–
0.3
0.7
ns
Output fall time
tf
Measurement cct. 3, 80 to 20% differential output swing
–
0.3
0.7
ns
Output enable time*3
*3. The built-in oscillator stop function does not operate with normal output immediately when OE goes HIGH. Instead, normal output occurs after the
oscillator startup time has elapsed.
tOE
Measurement cct. 1, Ta = 25
°C
––2
ms
Output disable time
tOD
Measurement cct. 1, Ta = 25
°C
–
–
200
ns
DUTY
= 100tW/tPER (%) @ crossing point
∆VOD = |VOD' − VOD|
Timing chart
tr
tf
OUTN
OUT
80%
Hi-Z
tW
tPER
OE
tOE
tOD
VIH
VIL
VOD'
20%
OE input waveform
tr = tf 10ns
0
80%
20%
0
VOD
VOpp
0
OUT-OUTN
∆VOS
VOS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com