Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP7NB60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP7NB60
Description  N-CHANNEL 600V - 1.0 廓 - 7.2A TO-220/TO-220FP PowerMESH??MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NB60 Datasheet(HTML) 2 Page - STMicroelectronics

  STP7NB60_07 Datasheet HTML 1Page - STMicroelectronics STP7NB60_07 Datasheet HTML 2Page - STMicroelectronics STP7NB60_07 Datasheet HTML 3Page - STMicroelectronics STP7NB60_07 Datasheet HTML 4Page - STMicroelectronics STP7NB60_07 Datasheet HTML 5Page - STMicroelectronics STP7NB60_07 Datasheet HTML 6Page - STMicroelectronics STP7NB60_07 Datasheet HTML 7Page - STMicroelectronics STP7NB60_07 Datasheet HTML 8Page - STMicroelectronics STP7NB60_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STP7NB60/FP
2/11
Table 3. Absolute Maximum Ratings
Note: 1. Pulse width limited by safe operating area
2. ISD ≤ 7A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
Table 4. Thermal Data
Table 5. Avalanche Characteristics
Symbol
Parameter
Value
Unit
STP7NB60
STP7NB60FP
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain- gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (cont.) at TC = 25 °C
7.2
4.1
A
ID
Drain Current (cont.) at TC = 100 °C
4.5
2.6
A
IDM
(1)
Drain Current (pulsed)
28.8
28.8
A
Ptot
Total Dissipation at TC = 25 °C
125
40
W
Derating Factor
1.0
0.32
W°/C
dv/dt (2)
Peak Diode Recovery voltage slope
4.5
4.5
V/ns
VISO
Insulation Withstand Voltage (DC)
2000
V
Tstg
Storage Temperature
-65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
Symbol
Parameter
Value
Unit
TO-220
TO220-FP
Rthj-case
Thermal Resistance Junction-case
Max
1.0
3.13
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max, δ < 1%)
7.2
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C; ID = IAR; VDD = 50 V)
580
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com