Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5306A Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5306A
Description  Low Voltage, 3-channel Video Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5306A Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5306A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5306A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5306A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5306A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5306A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5306A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5306A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5306A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM5306A
SEIKO NPC CORPORATION —5
Measurement Circuit Diagram
FUNCTIONAL DESCRIPTION
Output Gain Setting (GSEL)
GSEL pin
Output gain
LOW
0dB
HIGH
6dB
VCC1
IN1
GND1
IN2
OFB1
OUT1
VCC2
OFB2
GND2
GSEL
IN3
GND3
OUT2
VCC3
OFB3
OUT3
4.7
µF
4.7
µF
4.7
µF
22
µF
75
Ω
100
µF
22
µF
100
µF
100
µF
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
+
+
+
+
+
22
µF
0.1
µF
+
0.1
µF
+
0.1
µF
+
4.7
µF
INPUT1
INPUT2
INPUT3
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com