Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5816AF Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5816AF
Description  6-channel DSD-PCM Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5816AF Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5816AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5816AF Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SM5816AF
SEIKO NPC CORPORATION —13
2fs output format
There are two 2fs output formats that can be set using FMT2FS. The output data is in 32-bit 2s complement
format.
However, when external inputs (EXID1, EXID2, EXILRCK, EXIBCK) are selected, the signals are output as-
is in through mode regardless of the format setting.
(1) MSB-first left-justified 32-bit (FMT2FS = “L”)
I
If more than 32 bit clock cycles are input during each word clock cycle HIGH-level or LOW-level interval,
data following the 32nd bit are output as “0”.
I
When F2LRCK and F2BCK are set as outputs, there are 32 fixed bit clock cycles per word clock cycle
HIGH-level or LOW-level interval.
(2) IIS 32-bit (FMT2FS = “H”)
I
In this format, there are 32 bit clock cycles per word clock cycle regardless of the input/output settings.
F2**: F2SLR, F2FLREX1, F2CSWEX2 pins
F2**: F2SLR, F2FLREX1, F2CSWEX2 pins
F2LRCK
(1/2fs)
31 30 29 28
2
1
0
31 30 29
MSB
31 30
LSB
F2BCK
F2**
28
2
1
0
Rch(F2SLR, F2FLREX1)
SubWoofer(F2CSWEX2)
Lch(F2SLR, F2FLREX1)
Center(F2CSWEX2)
F2LRCK
(1/2fs)
0
31 30 29
4
3
2
0
31 30
MSB
0
31
LSB
F2BCK
F2**
29
4
3
2
Rch(F2SLR, F2FLREX1)
SubWoofer(F2CSWEX2)
Lch(F2SLR, F2FLREX1)
Center(F2CSWEX2)
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com