Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5951AF Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5951AF
Description  8-channel DSD Editing System Signal Processor LSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5951AF Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5951AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5951AF Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SM5951A
SEIKO NPC CORPORATION —13
Address mapping
Address
Read/
Write
Initial Value
DATA Bit
31
24 23
16 15
8 7
0
03h-00h
R/W
××××××8Bh
Control
[7]
= OFFPAT
[6]
= DCONVEN
[5:4]
= DITH [1:0]
[3]
= DITHEN
[2]
= MUTESEL
[1]
= DSD128
[0]
= SRESET
07h-04h
R
−
Switching Status
[31:28]
= STAT_CH8
[27:24]
= STAT_CH7
[23:20]
= STAT_CH6
[19:16]
= STAT_CH5
[15:12]
= STAT_CH4
[11:8]
= STAT_CH3
[7:4]
= STAT_CH2
[3:0]
= STAT_CH1
0Bh-08h
R/W
××076543h
Pattern Match NO.
[23:20]
= (reserved)
[19:16]
= MATCH8
[15:12]
= MATCH7
[11:8]
= MATCH6
[7:4]
= MATCH5
[3:0]
= MATCH4
0Fh-0Ch
R
−
Matching Status
[31:28]
= MATCH_CH8
[27:24]
= MATCH_CH7
[23:20]
= MATCH_CH6
[19:16]
= MATCH_CH5
[15:12]
= MATCH_CH4
[11:8]
= MATCH_CH3
[7:4]
= MATCH_CH2
[3:0]
= MATCH_CH1
13h-10h
R/W
××152B6Bh
Delay Offset
[23:21]
= (reserved)
[20:16]
= DLY_DOWN
[15]
= (reserved)
[14:8]
= DLY_64
[7]
= (reserved)
[6:0]
= DLY_128
7Fh-14h
−−
83h-80h
R/W
××000000h
CH1 Coefficient
[23:0]
= CH1COEF1
87h-84h
R/W
××000000h
[23:0]
= CH1COEF2
8Bh-88h
R/W
××000000h
[23:0]
= CH1COEF3
8Fh-8Ch
R/W
××000000h
[23:0]
= CH1COEF4
93h-90h
R/W
××000000h
CH2 Coefficient
[23:0]
= CH2COEF1
97h-94h
R/W
××000000h
[23:0]
= CH2COEF2
9Bh-98h
R/W
××000000h
[23:0]
= CH2COEF3
9Fh-9Ch
R/W
××000000h
[23:0]
= CH2COEF4
A3h-A0h
R/W
××000000h
CH3 Coefficient
[23:0]
= CH3COEF1
A7h-A4h
R/W
××000000h
[23:0]
= CH3COEF2
ABh-A8h
R/W
××000000h
[23:0]
= CH3COEF3
AFh-ACh
R/W
××000000h
[23:0]
= CH3COEF4
B3h-B0h
R/W
××000000h
CH4 Coefficient
[23:0]
= CH4COEF1
B7h-B4h
R/W
××000000h
[23:0]
= CH4COEF2
BBh-B8h
R/W
××000000h
[23:0]
= CH4COEF3
BFh-BCh
R/W
××000000h
[23:0]
= CH4COEF4
C3h-C0h
R/W
××000000h
CH5 Coefficient
[23:0]
= CH5COEF1
C7h-C4h
R/W
××000000h
[23:0]
= CH5COEF2
CBh-C8h
R/W
××000000h
[23:0]
= CH5COEF3
CFh-CCh
R/W
××000000h
[23:0]
= CH5COEF4
D3h-D0h
R/W
××000000h
CH6 Coefficient
[23:0]
= CH6COEF1
D7h-D4h
R/W
××000000h
[23:0]
= CH6COEF2
DBh-D8h
R/W
××000000h
[23:0]
= CH6COEF3
DFh-DCh
R/W
××000000h
[23:0]
= CH6COEF4
E3h-E0h
R/W
××000000h
CH7 Coefficient
[23:0]
= CH7COEF1
E7h-E4h
R/W
××000000h
[23:0]
= CH7COEF2
EBh-E8h
R/W
××000000h
[23:0]
= CH7COEF3
EFh-ECh
R/W
××000000h
[23:0]
= CH7COEF4
F3h-F0h
R/W
××000000h
CH8 Coefficient
[23:0]
= CH8COEF1
F7h-F4h
R/W
××000000h
[23:0]
= CH8COEF2
FBh-F8h
R/W
××000000h
[23:0]
= CH8COEF3
FFh-FCh
R/W
××000000h
[23:0]
= CH8COEF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com