Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBU Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # TBU
Description  Programmable Multi-Mode DIP switch TDR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TBU Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  TBU Datasheet HTML 1Page - Automatic Timing & Controls, Inc. TBU Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
74
TIME DELAY RANGE “P” SELECTION
MODE OF OPERATION SELECTION – WIRE FOR ONE MODE ONLY!
CAUTION: DO NOT PROGRAM WITH POWER ON! WIRE FOR ONE TIMING RANGE ONLY!
4 different ranges can be obtained by either leaving 2 designated terminals unconnected or by connecting them to the appropriate ter-
minals shown below. Because the Time Delay programming is the same regardless of the mode of operation only the wiring connections
affecting the Time Delay are shown here.
INTERVAL: When supply voltage is applied to the input terminals,
the relay energizes and the time delay begins. Upon completion of
the delay period, the relay de-energizes. Reset during or after the
delay period is accomplished by removal of the supply voltage.
ON-DELAY: The time delay begins when supply voltage is applied
to the input. Upon completion of the delay period, the relay en-
ergizes. Reset during or after the delay period is accomplished by
removal of the supply voltage. The timer will not false transfer if
supply voltage is removed prior to completion of the delay period.
OFF-DELAY: Supply voltage is continuously applied to the input.
An external isolated switch controls the timer. When closed, the re-
lay energizes. Opening the switch initiates the delay period. Upon
completion of the delay period, the relay de-energizes. If the
control switch recloses during the delay period, the relay remains
energized and the timer resets to zero.
SINGLE-SHOT: Supply voltage is continuously applied to the input.
An external isolated switch initiates the time delay. When closed
(momentary or maintained), the relay energizes and the delay
period begins. Upon completion of the delay period, the relay
de-energizes.
FLASHER—OFF TIME FIRST: When supply voltage is applied
to the input, the OFF time (T1) begins. Upon completion of the
OFF time, the relay energizes and the ON time (T2) begins. Upon
completion of the ON time, the relay de-energizes and one cycle
is complete. This OFF/ON cycling continues until supply voltage is
removed from the input. The OFF time always equals the ON time.
FLASHER—ON TIME FIRST: When supply voltage is applied to the
input, the relay energizes and ON time (T1) begins. Upon comple-
tion of the ON time, the relay de-energizes and the OFF time (T2)
begins. Upon completion of the OFF time, the relay energizes and
one cycle is complete. This ON/OFF cycling continues until supply
voltage is removed from the input. The ON time always equals the
of time.
Jumper 9 to 10.
0.1 to 102.3 seconds
in 0.1 SEC increments
Jumper 8 to 10.
0.4 to 409.2 seconds
in 0.4 SEC increments
Jumper 8 and 9 to 10.
0.05 to 54.6 minutes
in .05 MIN increments
No Connections
to 8, 9 or 10
0.42 to 436.5 minutes
in 0.42 MIN increments
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com