Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5010CL2 Datasheet(PDF) 22 Page - Nippon Precision Circuits Inc

Part # CF5010CL2
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5010CL2 Datasheet(HTML) 22 Page - Nippon Precision Circuits Inc

Back Button CF5010CL2 Datasheet HTML 17Page - Nippon Precision Circuits Inc CF5010CL2 Datasheet HTML 18Page - Nippon Precision Circuits Inc CF5010CL2 Datasheet HTML 19Page - Nippon Precision Circuits Inc CF5010CL2 Datasheet HTML 20Page - Nippon Precision Circuits Inc CF5010CL2 Datasheet HTML 21Page - Nippon Precision Circuits Inc CF5010CL2 Datasheet HTML 22Page - Nippon Precision Circuits Inc CF5010CL2 Datasheet HTML 23Page - Nippon Precision Circuits Inc CF5010CL2 Datasheet HTML 24Page - Nippon Precision Circuits Inc CF5010CL2 Datasheet HTML 25Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —22
MEASUREMENT CIRCUITS
2.0VP−P , 10MHz sine wave input signal (3V operation)
3.5VP−P , 10MHz sine wave input signal (5V operation)
C1 : 0.001
µF
R1 : 50
Ω
R2 : 5010AN
×, BN×, DN×, AK×, BK×
3V operation: 263
Ω
5V operation: 245
Ω
5010FN
×, HN×, HK×
3V operation: 275
Ω
5V operation: 245
Ω
5010CL
×
3V operation: 275
Ω
5V operation: 250
Ω
5010EA
×, AH×, BH×
3V operation: 1050
Ω
5010EA
×, AH×, BH×, FH×
5V operation: 975
Ω
Measurement cct 1
Measurement cct 2
Measurement cct 3
2.0VP−P , 30MHz sine wave input signal (3V operation)
3.5VP−P , 30MHz sine wave input signal (5V operation)
C1 : 0.001
µF
R1 : 50
Ω
Signal
Generator
VDD
VSS
XT
Q
R1
R2
VOH
0V
Q output
C1
VDD
VSS
Q
IZ, IOL
VOL
V
A
IZ
INHN
Signal
Generator
VDD
VSS
XT
Q
R1
C1
IDD
A
Measurement cct 4
Measurement cct 5
Measurement cct 6
Crystal oscillation
CG, CD: 22pF (5010DN×)
Rfo: 3.0kΩ (5010H××)
Measurement cct 7
R1 : 50
Ω
VDD
VSS
IPR
A
INHN
V
VIH
VIL
VDD
IPR
(VIL = 0V)
RUP2 =
IPR
(VIH = 0.7VDD)
VDD VIH
RUP1 =
VDD
VSS
IRf
Rf =
XT
VDD
IRf
XTN
A
VDD
VSS
XT
Q
X'tal
XTN
INHN
IST
A
Rfo
CG
CD
Signal
Generator
VSS
XT
Q
R1
VDD
INHN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com