Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TDF
Description  Repeat Cycle-OFF Time First Relay Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TDF Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TDF Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
79
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Repeat Cycle-OFF Time
First Relay Output
OPERATION
Application of voltage to the input of the timer initiates the OFF time. Upon
completion of the OFF time, the relay energizes and the ON time begins.
Upon completion of the ON time, the relay de-energizes and one cycle is
completed. This OFF/ON cycling continues until voltage is removed from the
input. The OFF/ON time periods are independently adjustable.
WIRING
DIMENSIONS (INCHES)
MODEL NUMBER
SPECIFICATIONS
TIMING RANGES
Virtually unlimited. See page 77 for standard
ranges available.
OUTPUT
DPDT, 10 A @ 250 VAC or 24 VDC, resistive;
RATING
211 VA @ 120 VAC, inductive
TIMING
Minimum Setting
+0 – 20%
TOLERANCES Maximum Setting ±10%;
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME 40 mSEC
SUPPLY
24 or 120 VAC or VDC, 50/60 Hz; ±10%
VOLTAGE
FALSE TRANSFER No
REVERSE
Yes
POLARITY
PROTECTED
POWER
3 watts (approximately)
CONSUMPTION
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
LIFE EXPECTANCY Mechanical 10 million operations (minimum)
Electrical
100,000 operations
@ rated load
WEIGHT
6.4 oz.
1
2
3
4
6
7
9
8
5
A
B
5
4
3
2
1
8
7
6
+
–
+
–
SUPPLY
DPDT Octal Plug-in
DPDT Blade Plug-in
RB-08/PF083A
70-463-1
SUPPLY
VOLTAGE
OUTPUT
T1
T1
T1
T2
T2
MODEL NUMBER
TDF
A
SUPPLY VOLTAGE
24 VAC or DC
24
110/120 VAC or DC
120
TYPE OF OPERATION
Knob Adjustable
K
Lock Nut Adjustable
L
Fixed
F
ENCLOSURE STYLE
8-pin octal plug-in
A
Blade plug-in
B
DELAY PERIOD
See page 82 for standard ranges available
Example: TDF-120-ALA-300—Repeat cycle, 120 Volts AC or DC, lock nut
adjustable from 3 to 300 seconds, 8-pin octal plug-in, UL recognized.
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDF0117 ETC1-TDF0117 Datasheet
41Kb / 1P
voltage regulators
TDF0117 ETC1-TDF0117 Datasheet
120Kb / 1P
5V-3A regulator encapsulated in high-dissipation plastic package
TDF0123 ETC1-TDF0123 Datasheet
41Kb / 1P
voltage regulators
TDF0123 ETC1-TDF0123 Datasheet
120Kb / 1P
5V-3A regulator encapsulated in high-dissipation plastic package
TDF0137 ETC1-TDF0137 Datasheet
41Kb / 1P
voltage regulators
More results

Similar Description - TDF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
VTM7 MACOM-VTM7 Datasheet
180Kb / 1P
Repeat Cycle Timing Module
logo
Integrated Silicon Solu...
IS49NLC96400A ISSI-IS49NLC96400A Datasheet
980Kb / 36P
Reduced cycle time
logo
Schneider Electric
9050JCK5F1V20 SCHNEIDER-9050JCK5F1V20 Datasheet
120Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, fixed time, 1 second, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK52V20 SCHNEIDER-9050JCK52V20 Datasheet
126Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.3 to 30 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK53V20 SCHNEIDER-9050JCK53V20 Datasheet
128Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.6 to 60 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK54V20 SCHNEIDER-9050JCK54V20 Datasheet
128Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 1.2 to 120 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK55V20 SCHNEIDER-9050JCK55V20 Datasheet
129Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 1.8 to 180 seconds, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
9050JCK57V20 SCHNEIDER-9050JCK57V20 Datasheet
125Kb / 2P
Timing Relay, Type JCK, plug In, repeat cycle, adjustable time, 0.3 to 30 minutes, 10A, 240 VAC, 120 VAC/110 VDC
Aug 27, 2021
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com