Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD600CUX65C2S Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD600CUX65C2S
Description  650V/600A chopper in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD600CUX65C2S Datasheet(HTML) 1 Page - StarPower Europe AG

  GD600CUX65C2S Datasheet HTML 1Page - StarPower Europe AG GD600CUX65C2S Datasheet HTML 2Page - StarPower Europe AG GD600CUX65C2S Datasheet HTML 3Page - StarPower Europe AG GD600CUX65C2S Datasheet HTML 4Page - StarPower Europe AG GD600CUX65C2S Datasheet HTML 5Page - StarPower Europe AG GD600CUX65C2S Datasheet HTML 6Page - StarPower Europe AG GD600CUX65C2S Datasheet HTML 7Page - StarPower Europe AG GD600CUX65C2S Datasheet HTML 8Page - StarPower Europe AG GD600CUX65C2S Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GD600CUX65C2S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
3/15/2018
1/9
Preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD600CUX65C2S
650V/600A chopper in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
6
μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
Typical Applications
Automotive application
Hybrid and electric vehicle
Inverter for motor drive
Equivalent Circuit Schematic


Similar Part No. - GD600CUX65C2S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD600CUY120C2S STARPOWER-GD600CUY120C2S Datasheet
159Kb / 9P
1200V/600A chopper in one-package
11/30/2016
GD600CUY120C6S STARPOWER-GD600CUY120C6S Datasheet
198Kb / 9P
1200V/600A chopper in one-package
8/4/2016
More results

Similar Description - GD600CUX65C2S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MBI600UB-120 ETC2-1MBI600UB-120 Datasheet
115Kb / 4P
IGBT Module U-Series 1200V / 600A 1 in one-package
logo
Fuji Electric
1MBI600PX-120 FUJI-1MBI600PX-120_04 Datasheet
324Kb / 4P
IGBT Module P-Series 1200V / 600A 1 in one-package
1MBI600V-120-50 FUJI-1MBI600V-120-50 Datasheet
447Kb / 7P
IGBT MODULE (V series) 1200V / 600A / 1 in one package
2MBI600U4G-120 FUJI-2MBI600U4G-120 Datasheet
611Kb / 6P
IGBT MODULE (U series) 1200V / 600A / 2 in one package
2MBI600VD-060-50 FUJI-2MBI600VD-060-50 Datasheet
439Kb / 6P
IGBT MODULE (V series) 600V / 600A / 2 in one package
2MBI600VE-120-50 FUJI-2MBI600VE-120-50 Datasheet
476Kb / 6P
IGBT MODULE (V series) 1200V / 600A / 2 in one package
2MBI600VXA-120E-50 FUJI-2MBI600VXA-120E-50 Datasheet
476Kb / 7P
IGBT MODULE (V series) 1200V / 600A / 2 in one package
logo
MacMic
MMG600WB065B6EN MACMIC-MMG600WB065B6EN Datasheet
1Mb / 6P
650V 600A IGBT Module
MMG600WB065B6TC MACMIC-MMG600WB065B6TC Datasheet
509Kb / 6P
650V 600A IGBT Module
MMG600WB065TLB6EN MACMIC-MMG600WB065TLB6EN Datasheet
1Mb / 6P
650V 600A 3-Level IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com