Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD650HFX170P1S Datasheet(PDF) 9 Page - StarPower Europe AG

Part # GD650HFX170P1S
Description  1700V/650A 2 in one-package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD650HFX170P1S Datasheet(HTML) 9 Page - StarPower Europe AG

Back Button GD650HFX170P1S Datasheet HTML 2Page - StarPower Europe AG GD650HFX170P1S Datasheet HTML 3Page - StarPower Europe AG GD650HFX170P1S Datasheet HTML 4Page - StarPower Europe AG GD650HFX170P1S Datasheet HTML 5Page - StarPower Europe AG GD650HFX170P1S Datasheet HTML 6Page - StarPower Europe AG GD650HFX170P1S Datasheet HTML 7Page - StarPower Europe AG GD650HFX170P1S Datasheet HTML 8Page - StarPower Europe AG GD650HFX170P1S Datasheet HTML 9Page - StarPower Europe AG GD650HFX170P1S Datasheet HTML 10Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
GD650HFX170P1S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
12/9/2018
9/10
preliminary
Circuit Schematic
5
4
3
1
2
6
7
9
10
8
Package Dimensions
Dimensions in Millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com