Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EVT233 Datasheet(PDF) 1 Page - Littelfuse

Part # LS0504EVT233
Description  5V, 4A eFuse with Over Voltage and Over Current Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EVT233 Datasheet(HTML) 1 Page - Littelfuse

  LS0504EVT233_V01 Datasheet HTML 1Page - Littelfuse LS0504EVT233_V01 Datasheet HTML 2Page - Littelfuse LS0504EVT233_V01 Datasheet HTML 3Page - Littelfuse LS0504EVT233_V01 Datasheet HTML 4Page - Littelfuse LS0504EVT233_V01 Datasheet HTML 5Page - Littelfuse LS0504EVT233_V01 Datasheet HTML 6Page - Littelfuse LS0504EVT233_V01 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Over Voltage Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 06/13/24
LS0504EVT233
5V, 4A eFuse with Over Voltage and Over Current Protection
1
The integrated load switching of the LS0504EVT233 provides
robust, input over-current protection to the downstream circuit
systems. The device comes with built-in over-voltage protection
and internal soft start. The switch’s low RDS(ON) minimizes the
system’s power loss.
In the event of input over-voltage, LS0504EVT233 immediately
turns off the switch to prevent the downstream system from the
stress of excessively high voltage. Internal soft-start ensures a
smooth output voltage ramp-up and limits the input inrush current.
Features & Benefits
Pinout Designation
Description
Applications
IN
1
2
3
GND
6
8
OUT
ILIM
4
5
7
NC
NC
NC
EN
GND
GND
OUT
IN
1
2
3
■ Wide Input Voltage Range
from 2.7V to 6V
■ 30V Maximum Input / Output
Voltage
■ 50mΩ Low RDS(ON)
Protection Switch
■ Built-in Over-Voltage
Protection
■ Discharge Output at OVP
■ Internal Soft-Start
■ Thermal Shutdown
■ Continuous Current 3A; Peak
Current 4A
■ Hiccup Mode Protection for
Over Load or Short Circuit
■ SOT23_3L Package
■ Pb-Free and RoHS compliant
■ Bluetooth Headsets
■ Wearable Device
■ Tablet PC
■ Charging Cable
■ Battery Devices
■ Adapter Powered Devices
IN
GND
NC
OUT
Cin
1 F
Cout
1 F
V
OUT
LS0504EV
IN
GND
ILIM
OUT
1F
Cin
1F
Rlimit
EN
LS0505EV
Cout
V
IN
V
OUT
V
IN
Typical Applications
Soft
Start
UVLO
Charge
Pump
IN
Thermal
Protection
Current
Limit
Driver
OUT
GND
Discharge
Control
R=80
`
Vref
OVP
Functional Block Diagram
Pin no. Pin Name
Description
1
GND
Ground pin
2
IN
Input pin
3
OUT
Output pin. OUT is discharged to GND through
an internal 80Ω resistor during OVP event.
Pin Description
SOT23_3L TOP VIEW
RoHS Pb
Web Resources
Download ECAD models, order samples, and find
technical recources at www.littelfuse.com


Similar Part No. - LS0504EVT233_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
More results

Similar Description - LS0504EVT233_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
5V eFuse with Over Voltage Protection and Blocking FET Control
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com