Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-150CMP Datasheet(PDF) 1 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-150CMP
Description  Telescopic Ceiling Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-150CMP Datasheet(HTML) 1 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  SBP-150CMP Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-150CMP Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. SBP-150CMP Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
1/3
SBP-300CMTW
Telescopic Ceiling Mount
Key Features
• Weight : 3,750g (8.27lb)
• Material : Aluminum
• Color : White
• Mount screw size: TR30
*Pipe can be extended once and maximum length can be up to 2524mm (99.37”)
(based on using SBP-900CMP)
Compatible Accessories
(Optional)
SBP-120HMW
SBP-140HMW SBP-160HMW1 SBP-180HMW1
SBP-C15P
SBP-150CMP
SBP-300CMP
SBP-900CMP


Similar Part No. - SBP-150CMP

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-150CMP HANWHAVISION-SBP-150CMP Datasheet
204Kb / 2P
Ceiling Mount Pipe
More results

Similar Description - SBP-150CMP

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR101 LUMINIS-AR101 Datasheet
192Kb / 4P
Ceiling mount
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
SR300 LUMINIS-SR300 Datasheet
304Kb / 4P
Ceiling mount
SR700 LUMINIS-SR700 Datasheet
298Kb / 4P
Ceiling mount
W1286 LUMINIS-W1286 Datasheet
148Kb / 3P
Ceiling mount
TG1900 LUMINIS-TG1900 Datasheet
195Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com