Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD15FSR120L2SF Datasheet(PDF) 4 Page - StarPower Europe AG

Part # MD15FSR120L2SF
Description  1200V/15A 6 in one-package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

MD15FSR120L2SF Datasheet(HTML) 4 Page - StarPower Europe AG

  MD15FSR120L2SF Datasheet HTML 1Page - StarPower Europe AG MD15FSR120L2SF Datasheet HTML 2Page - StarPower Europe AG MD15FSR120L2SF Datasheet HTML 3Page - StarPower Europe AG MD15FSR120L2SF Datasheet HTML 4Page - StarPower Europe AG MD15FSR120L2SF Datasheet HTML 5Page - StarPower Europe AG MD15FSR120L2SF Datasheet HTML 6Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MD15FSR120L2SF
MOSFET Module
©2022 STARPOWER Semiconductor Ltd.
4/20/2022
4/6
Preliminary
NTC Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R25
Rated Resistance
5.0
kΩ
∆R/R
Deviation of R100
TC=100
oC,R100=493.3Ω
-5
5
%
P25
Power
Dissipation
20.0
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-
1/(298.15K))]
3375
K
B25/80
B-value
R2=R25exp[B25/80(1/T2-
1/(298.15K))]
3411
K
B25/100
B-value
R2=R25exp[B25/100(1/T2-
1/(298.15K))]
3433
K
Module Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
RthJC
Junction-to-Case (per MOSFET)
1.384
1.522
K/W
RthCH
Case-to-Heatsink (per MOSFET)
Case-to-Heatsink (per Module)
0.348
0.058
K/W
F
Mounting Force Per Clamp
20
50
N.m
G
Weight of Module
24
g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com