Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM1240 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1240
Description  Dual-Voltage ESD Protection Array for USB Port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1240 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1240 Datasheet HTML 1Page - California Micro Devices Corp CM1240 Datasheet HTML 2Page - California Micro Devices Corp CM1240 Datasheet HTML 3Page - California Micro Devices Corp CM1240 Datasheet HTML 4Page - California Micro Devices Corp CM1240 Datasheet HTML 5Page - California Micro Devices Corp CM1240 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2007 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
5/16/07
CM1240
SOT-563
PIN#
TDFN
PIN#
NAME
DESCRIPTION
1
1
D1
Cathode connection for Low Voltage ESD diode
2
2
D2
Cathode connection for Low Voltage ESD diode
5
3
D3
Cathode connection for Low Voltage ESD diode
3
4
Vcc
Cathode connection for High Voltage ESD diode
–
5
NC
No connect
–
6
NC
No connect
–
7
NC
No connect
–
8
NC
No connect
4
DAP
GND
Anode-side connection for all ESD diodes
6
–
GND
Anode-side connection for all ESD diodes
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
ESD Protection (HBM)
±16
kV
Pin Voltages
Vcc to GND
All other pins to GND
[GND - 0.3] to +13
[GND - 0.3] to +5.5
V
V
Storage Temperature Range
–65 to +150
°C
Lead Temperature (soldering, 10sec)
300
°C
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating temperature range
–40 to +85
°C
Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com