Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03TBR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCF03TBR
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03TBR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCF03TBR Datasheet HTML 2Page - STMicroelectronics STCF03TBR Datasheet HTML 3Page - STMicroelectronics STCF03TBR Datasheet HTML 4Page - STMicroelectronics STCF03TBR Datasheet HTML 5Page - STMicroelectronics STCF03TBR Datasheet HTML 6Page - STMicroelectronics STCF03TBR Datasheet HTML 7Page - STMicroelectronics STCF03TBR Datasheet HTML 8Page - STMicroelectronics STCF03TBR Datasheet HTML 9Page - STMicroelectronics STCF03TBR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Description (continued)
STCF03
6/35
1
Description (continued)
All the functions of the device are controlled through the I2C which helps bus that allows to
reduce logic pins on the package and to save PCB tracks on the board. Hard and soft-
triggering of Flash are both supported. The device includes many functions to protect the
chip and the power LED such as: a soft start control, chip over temperature detection and
protection as well as opened and shorted LED detection and protection. Besides, a digital
programmable Time Out function protects the LED in case of a wrong command from the
µP. An optional external NTC resistor is supported to protect the LED against over heating.
In mobile phone applications it is possible to reduce immediately the Flash LED current
during the signal transmission using the TMSK pin. This saves battery life and gives more
priority to supply RF transmission instead of flash function.
It is possible by I2C to separately program the current intensity in FLASH and TORCH
MODE using exponential steps. An auxiliary output can control an optional red LED to be
used as a recording indicator.
The device is packaged in QFN 4x4 20L with a height less than 1 mm and in TFBGA25 3x3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com