Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD404PI Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDD404PI
Description  4 Amp Dual Low-Side Ultrafast MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD404PI Datasheet(HTML) 2 Page - IXYS Corporation

  IXDD404PI Datasheet HTML 1Page - IXYS Corporation IXDD404PI Datasheet HTML 2Page - IXYS Corporation IXDD404PI Datasheet HTML 3Page - IXYS Corporation IXDD404PI Datasheet HTML 4Page - IXYS Corporation IXDD404PI Datasheet HTML 5Page - IXYS Corporation IXDD404PI Datasheet HTML 6Page - IXYS Corporation IXDD404PI Datasheet HTML 7Page - IXYS Corporation IXDD404PI Datasheet HTML 8Page - IXYS Corporation IXDD404PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
IXDD404
Unless otherwise noted, T
A = 25
o
C, 4.5V
≤ V
CC ≤ 35V .
All voltage measurements with respect to GND. IXDD404 configured as described in Test Conditions. All specifications are for one channel.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
4.5V
≤ VIN ≤ 18V
2.5
V
VIL
Low input voltage
4.5V
≤ VIN ≤ 18V
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ VIN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output high
VCC = 18V
2
2.5
Ω
ROL
Output resistance
@ Output Low
VCC = 18V
1.5
2
Ω
IPEAK
Peak output current
VCC = 18V
4
A
IDC
Continuous output
current
1
A
VEN
Enable voltage range
- 0.3
Vcc + 0.3
V
VENH
High En Input Voltage
2/3 Vcc
V
VENL
Low En Input Voltage
1/3 Vcc
V
tR
Rise time
CL=1800pF Vcc=18V
16
18
ns
tF
Fall time
CL=1800pF Vcc=18V
13
17
ns
tONDLY
On-time propagation
delay
CL=1800pF Vcc=18V
36
40
ns
tOFFDLY
Off-time propagation
delay
CL=1800pF Vcc=18V
35
39
ns
tENOH
Enable to output high
delay time
30
ns
tDOLD
Disable to output low
Disable delay time
30
ns
VCC
Power supply voltage
4.5
18
35
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
REN
Enable Pull-up Resistor
200
k
Ω
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Voltage
40 V
All Other Pins
-0.3 V to VCC + 0.3 V
Junction Temperature
150 oC
Storage Temperature
-65 oC to 150 oC
Lead Temperature (10 sec)
300 oC
Operating Ratings
Parameter
Value
Operating Temperature Range
-55 oC to 125 oC
Thermal Impedance (Junction to Ambient)
8 Pin PDIP (PI) (
θJA)
120 oC/W
8 Pin SOIC (SIA) (
θJA)
110 oC/W
8 Pin SOIC (SI) (
θJA) with heat sink**
Heat sink area of 1cm
2
71 oC/W
16 Pin SOIC (SIA-16) (θJA)
110 oC/W
Note 1: Operating the device beyond parameters with listed “absolute maximum ratings” may cause permanent
damage to the device. Typical values indicate conditions for which the device is intended to be functional, but do not
guarantee specific performance limits. The guaranteed specifications apply only for the test conditions listed.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Specifications to change without notice
**Heat sink area is 1 oz. copper on one side of .06" thick
FR4 soldered to metal back plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com