Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STDRIVEG611
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STDRIVEG611 Datasheet HTML 13Page - STMicroelectronics STDRIVEG611 Datasheet HTML 14Page - STMicroelectronics STDRIVEG611 Datasheet HTML 15Page - STMicroelectronics STDRIVEG611 Datasheet HTML 16Page - STMicroelectronics STDRIVEG611 Datasheet HTML 17Page - STMicroelectronics STDRIVEG611 Datasheet HTML 18Page - STMicroelectronics STDRIVEG611 Datasheet HTML 19Page - STMicroelectronics STDRIVEG611 Datasheet HTML 20Page - STMicroelectronics STDRIVEG611 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
An integrated bootstrap diode is there to generate floating supply voltage for the high-side structure.
6.4.1
VCC supply structure and relevant UVLO protection
The VCC pin supplies the logic circuit, the input structure of the low-side driver and the integrated bootstrap
structure (DBOOT). Low-ESR ceramic capacitors must be connected as close as possible between VCC and GND
(100 nF typ., X7R).
A bulk capacitor is recommended on VCC to deliver the impulsive bootstrap current to charge VBO. A single VCC
rail electrolytic capacitor is typically sufficient even with multiple drivers on board while using only the integrated
bootstrap diode and the electrolytic capacitor is not too far.
Dedicated bigger low-ESR ceramic VCC capacitors are otherwise recommended, also in the case of an optional
external bootstrap diode to minimize VCC dips. An external bootstrap diode could be required for those
applications requiring a faster high-side startup time (such as burst mode).
Undervoltage protection is available on the VCC supply pin. A hysteresis sets the turn-off threshold.
When VCC voltage reaches the VCCthON threshold, the device enters normal operation: if VLS is above UVLO
level and the STBY pin is high, the FLT pin is released and the device sets drivers output according to actual input
pins; high-side driver supply state is not monitored, therefore the high-side driver generates driving levels when
VHS is above UVLO level.
When VCC voltage goes below the VCCthOFF threshold, both high-side and low-side gate driver outputs are forced
low and the FLT pin is forced low to signal the state to remote controllers.
The minimum VCC voltage that the STDRIVEG611 requires to be able to force the FLT pin low is VVCC-FLT.
In hard switching applications, during deadtime and load current flowing out from the OUT node, low-side GaN is
in reverse conduction mode (as a freewheeling diode) and the OUT pin becomes negative with several volts
below GND.
GaN transistors do not have an intrinsic body diode, which have the benefit of 0 nC recovery charge, but have
worse reverse conduction characteristics in respect to MOSFETs. This could lead to two drawbacks if not properly
addressed:
higher GaN dissipation during deadtime, that should be minimized.
deeper static below-GND voltage on OUT node during deadtime; this could bring BOOT lower than the
recommended operating range (BOOT-GND min. 5 V), increasing high-side hard turn-on propagation
delay.
To help ensure BOOT in the recommended operating range in hard switching applications (while current is
freewheeling in low-side GaN), the VCC supply has a relatively high UVLO threshold. This helps charging and
achieving the VBO > (low-side GaN reverse conduction drop +5 V) recommended range in almost all conditions.
Operating with VCC higher than the typical value could be required only in very limited cases where extreme hard
switching current transient with very high GaN reverse conduction voltage is foreseen.
6.4.2
VLS supply structure and relevant UVLO protection
The integrated VCCL regulator reduces the input VCC voltage to a regulated VLS (6 V typ.) to drive the gate with
a stable and optimized VGS voltage.
Low-side regulator input is VCC pin; regulator output is VCCL pin, referred to PGND. Low-ESR ceramic
capacitors must be connected as close as possible between VCCL and PGND (CVCCL min. 47 nF, X7R, 16 V) to
obtain a clean supply voltage. A slightly higher CVCCL could be required to minimize VLS ripple when driving high
GaN QG.
Under recommended operating conditions, VCCL regulator can provide an average current of 10 mA.
A UVLO on VLS is there to prevent unsafe operations of low-side GaN.
When VLS voltage reaches the VLSthON threshold, the device enables the low-side driver normal operation: if no
other protection is active, FLT pin is released, and the device sets low-side driver output according to actual input
pins and high-side driver output according to actual input pins.
When VLS voltage goes below the VLDthOFF threshold, both high-side and low-side gate driver outputs are forced
low and the FLT pin is forced low to signal this condition to the remote controllers.
STDRIVEG611
Device description
DS14457 - Rev 2
page 17/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com