Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSA
Description  Interval Solid-State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSA Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSA Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
Interval Solid-State Output
OPERATION
WIRING
DIMENSIONS (INCHES)
When voltage is applied to the input terminals, the load energizes and
the time delay begins. Upon completion of the delay period, the load
de-energizes. Reset during or after the delay period is accomplished
by removal of the input voltage. The TSA Series is a two input terminal
device that connects in series with the input and load.
SPECIFICATIONS
SUPPLY
VOLTAGE
OUTPUT
TIME DELAY
INITIATE
EXTERNAL
RESISTOR
R = OPERATION
ADJ.
R ext
3
1
7
6
SUPPLY
VOLTAGE
LOAD
INITIATE
F = OPERATION
3
1
SUPPLY
VOLTAGE
LOAD
INITIATE
S = OPERATION
3
1
SUPPLY
VOLTAGE
LOAD
MODEL NUMBER
MODEL NUMBER
TSA
100
A
C
TYPE OF OPERATION
Fixed (Factory Preset)
F
External Resistor Adjustable;
R
See page 82 for resistor selection.
Screwdriver Adjustable
S
DELAY PERIOD
See page 82 for standard ranges available
Example: TSA-100-ARC-100—Interval on operate, 24 to 240 VAC,
external resistor adjustable from 1 to 100 seconds.
TIMING
Virtually unlimited.
RANGES
See page 77 for standard ranges available.
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1A resistive or 25VA
1A resistive or 125VA
0.5A resistive or 125VA
TIMING
Minimum Setting
+0 – 20%
TOLERANCES
Maximum Setting
±10%
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME
40 mSEC
SUPPLY VOLTAGE 24 to 240 ±10% VAC, 50/60 Hz
FALSE TRANSFER No
ENCLOSURE
Surface mounted; totally encapsulated with a
high quality epoxy for environmental protection.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: 1.28 oz Shipping: 1.6 oz.
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TSA 3M-TSA Datasheet
169Kb / 6P
Film Applicators for Textured Surfaces
March 2008
TSA-1 3M-TSA-1 Datasheet
169Kb / 6P
Film Applicators for Textured Surfaces
March 2008
TSA-2 3M-TSA-2 Datasheet
169Kb / 6P
Film Applicators for Textured Surfaces
March 2008
logo
Teledyne Technologies I...
TSA-213241 TELEDYNE-TSA-213241 Datasheet
172Kb / 2P
100 TO 1000 MHz, 20 WATTS HIGH POWER GaN AMPLIFIER
TSA-213242 TELEDYNE-TSA-213242 Datasheet
172Kb / 2P
100 TO 1500 MHz, 15 WATTS HIGH POWER GaN AMPLIFIER
More results

Similar Description - TSA

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY210H COSMO-KAQY210H Datasheet
195Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
MOSFET Output Solid State Relay
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
SELECTABLE OUTPUT SOLID STATE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com