Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSC
Description  ON-Delay Solid State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSC Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSC Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
92
ON-Delay Solid State Output
OPERATION
WIRING
DIMENSIONS (INCHES)
The time delay begins when power is applied to the timer. Upon comple-
tion of the delay period, the load energizes. Reset during or after the
delay period is accomplished by removal of the input voltage. The TSC
will not false transfer if voltage is removed prior to completion of the
delay period. A fast recycle time permits accurate, high speed,
continuous operation.
INITIATE
EXTERNAL
RESISTOR
R = OPERATION
ADJ.
R ext
3
1
7
6
SUPPLY
VOLTAGE
LOAD
INITIATE
F = OPERATION
3
1
SUPPLY
VOLTAGE
LOAD
INITIATE
S = OPERATION
3
1
SUPPLY
VOLTAGE
LOAD
MODEL NUMBER
MODEL NUMBER
TSC
100
A
C
TYPE OF OPERATION
Fixed (Factory Preset)
F
External Resistor Adjustable;
R
See page 82 for resistor selection.
Screwdriver Adjustable
S
DELAY PERIOD
See page 82 for standard ranges available
Example: TSC-100-ARC-100—Delay on operate, external resistor
adjustable from 1 to 100 seconds, UL recognized.
SPECIFICATIONS
TIMING
Virtually unlimited.
RANGES
See page 77 for standard ranges available.
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1 amp 25VA @ 24VAC
1 amp 125VA @ 120VAC
.5 amp 125VA @ 240 VAC
TIMING
Minimum Setting
+0 – 20%
TOLERANCES
Maximum Setting
±10%
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME
40 mSEC
SUPPLY VOLTAGE 12 to 240 VDC, 24 to 240 VAC ±10%, 50/60 Hz
FALSE TRANSFER No
ENCLOSURE
Surface mounted; totally encapsulated with a
high quality epoxy for environmental protection.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: 1.28 oz Shipping: 1.6 oz.
E55826
SUPPLY
VOLTAGE
OUTPUT
TIME DELAY
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
Miniature, Sealed PC Board Relay
logo
Tumbler Technologies + ...
TSC TRUMPOWER-TSC Datasheet
15Kb / 1P
DC/DC CONVERTERS
logo
Novaris
TSC NOVARIS-TSC Datasheet
554Kb / 1P
TSC - Transient Surge Counters
logo
List of Unclassifed Man...
TSC-075S035DT ETC2-TSC-075S035DT Datasheet
660Kb / 3P
Dimmable LED Drivers
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
Dimmable LED Drivers
More results

Similar Description - TSC

ManufacturerPart #DatasheetDescription
logo
NEC
PS7341B-1B NEC-PS7341B-1B Datasheet
31Kb / 2P
6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
logo
Tyco Electronics
6001-6002C MACOM-6001-6002C Datasheet
60Kb / 1P
6001 Series Delay On Operate Digital Timing Module Fixed Timing, Solid State Output
logo
California Eastern Labs
PS7341B-1B CEL-PS7341B-1B Datasheet
34Kb / 2P
6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
SELECTABLE OUTPUT SOLID STATE
logo
Littelfuse
T10 LITTELFUSE-T10 Datasheet
177Kb / 1P
Solid-State On-Delay Timer
2019 Rev: 2-B-043019
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
STB Series Solid State Triggered Delay-On-Release Timers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com