Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSF Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSF
Description  Repeat Cycle OFF-Time First Solid-State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSF Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSF Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
95
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Repeat Cycle OFF-Time
First Solid-State Output
OPERATION
Application of voltage to the input of the timer initiates the OFF time.
Upon completion of the OFF time, the load energizes and the ON time
begins. Upon completion of the ON time, the load de-energizes and
one cycle is completed. This OFF/ON cycling continues until voltage is
removed from the input. The OFF/ON time periods are independently
adjustable.
WIRING
DIMENSIONS (INCHES)
MODEL NUMBER
MODEL NUMBER
TSF
A
C
SUPPLY VOLTAGE
24 VAC
24
120 VAC
120
240 VAC
240
TYPE OF OPERATION
Fixed
F
External Resistor Adjustable;
R
See page 82 for resistor selection.
DELAY PERIOD
See page 82 for standard ranges available
Example: TSF-24-ARC-300—Repeat cycle, 24 VAC, external resistor
adjustable from 3 to 300 seconds, UL Recognized.
SUPPLY
VOLTAGE
OUTPUT
T1
T1
T1
T2
T2
SPECIFICATIONS
TIMING
Virtually unlimited.
RANGES
See page 77 for standard ranges available.
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1 amp 25VA @ 24VAC
1 amp 125VA @ 120VAC
.5 amp 125VA @ 240 VAC
TIMING
Minimum Setting
+0 – 20%
TOLERANCES
Maximum Setting
±10%
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME
40 mSEC
SUPPLY VOLTAGE 24, 120, or 240 VAC, 50/60 Hz; ±10%
FALSE TRANSFER No
DUTY CYCLE
Continuous
ENCLOSURE
Surface mounted; totally encapsulated with a
high quality epoxy for environmental protection.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: 1.28 oz Shipping: 1.6 oz.
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TSF-30 TDK-TSF-30 Datasheet
93Kb / 10P
Ultra High Voltage Ceramic Capacitors
TSF-40C TDK-TSF-40C Datasheet
93Kb / 10P
Ultra High Voltage Ceramic Capacitors
logo
List of Unclassifed Man...
TSF-6522 ETC2-TSF-6522 Datasheet
29Kb / 3P
No-Clean Tacky Soldering Flux
logo
Adam Technologies, Inc.
TSF-XX ADAM-TECH-TSF-XX Datasheet
101Kb / 1P
TERMINAL BLOCK
logo
Thinki Semiconductor Co...
TSF01H12 THINKISEMI-TSF01H12 Datasheet
1Mb / 5P
100V,118A N-Channel Trench Process Power MOSFETs
More results

Similar Description - TSF

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
VTM7 MACOM-VTM7 Datasheet
180Kb / 1P
Repeat Cycle Timing Module
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
SELECTABLE OUTPUT SOLID STATE
logo
Integrated Silicon Solu...
IS49NLC96400A ISSI-IS49NLC96400A Datasheet
980Kb / 36P
Reduced cycle time
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com