Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSM
Description  Energy Conservation Timer Solid-State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSM Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSM Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
100
Energy Conservation Timer
Solid-State Output
OPERATION
When voltage is applied to the input, the internal relay picks up and the
time delay begins regardless of the position of the control switch. With
the switch in the open position, when voltage is applied, the timer will
complete its time delay period and the internal relay will drop out if the
switch is not closed before the completion of the time delay period. With
the switch in the closed position, when voltage is applied, the timer will
complete its time delay period and the internal relay will drop out if the
switch is not opened and reclosed before the completion of the time de-
lay period. After voltage has been applied, closing of the control switch
initiates the time delay period. Reset is accomplished by interrupting the
supply voltage or re-closing the control switch.
SUPPLY
VOLTAGE
OUTPUT
CONTROL
SWITCH
TIME
DELAY
TIME
DELAY
WIRING
DIMENSIONS (INCHES)
MODEL NUMBER
MODEL NUMBER
TSM
A
C
SUPPLY VOLTAGE
24 VAC
24
120 VAC
120
240 VAC
240
TYPE OF OPERATION
Fixed
F
External Resistor Adjustable;
R
See page 82 for resistor selection.
DELAY PERIOD
See page 82 for standard ranges available
Example: TSM-120-ARC-060—Energy conservation timer, 120 VAC,
external resistor adjustable from 0.6 to 60 seconds, UL recognized.
SPECIFICATIONS
TIMING RANGES Virtually unlimited
See page 77 for standard ranges available.
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1 amp 25VA @ 24VAC
1 amp 125VA @ 120VAC
.5 amp 125VA @ 240 VAC
TIMING
Minimum Setting
+0 – 20%
TOLERANCES
Maximum Setting
±10%.
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME
40 mSEC
SUPPLY VOLTAGE 24, 120 or 240 VAC, 50/60 Hz; ±10%
FALSE TRANSFER No
REVERSE
Yes
POLARITY
ENCLOSURE
Surface mounted; totally encapsulated with a
high quality epoxy for environmental protection.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: 1.28 oz Shipping: 1.6 oz.
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSM

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
NTC Thermistors SMD Thermistors
logo
StarHope
TSM SPSEMI-TSM Datasheet
826Kb / 2P
Surface Mount Devices
logo
TRACO Electronic AG
TSM TRACOPOWER-TSM Datasheet
1Mb / 7P
DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
logo
Samtec, Inc
TSM SAMTEC-TSM Datasheet
532Kb / 2P
SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
TSM-102-01-F-DH SAMTEC-TSM-102-01-F-DH Datasheet
1Mb / 2P
SMT .025" SQ POST HEADER
More results

Similar Description - TSM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
Solid-state Multi-functional Timer
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
Solid-state Timer
H3Y OMRON-H3Y Datasheet
149Kb / 8P
Solid-state Timer
H3CR OMRON-H3CR Datasheet
2Mb / 61P
Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
Solid-state Timer
H3CA OMRON-H3CA Datasheet
398Kb / 15P
Solid-State Digital Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
INDUSTRIAL SOLID STATE TIMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com