Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8104 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCF8104
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8104 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCF8104 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8104 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8104 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8104 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8104 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8104 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8104 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCF8104
2006-11-16
4
Drain current ID (A)
RDS (ON) – ID
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
ID – VDS
Gate-source voltage VGS
(V)
ID – VGS
Gate-source voltage VGS
(V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
0
8
-10
-5
Common source
VDS = -10 V
Pulse test
0
-1
-2
-3
-4
Ta
= −55°C
25
100
-6
-8
4
Common source
Ta
= 25℃
Pulse test
0
-0.3
-0.4
-0.5
0
ID = -6 A
-2
-4
-6
-8
-10
-1.5
-3
-0.2
-0.1
Common source
VDS = -10 V
Pulse test
-0.1
-10
-100
-0.1
-1
-100
25
100
Ta
= −55°C
-1
-10
common source
Ta
= 25°C
Pulse test
1
-0.1
-1
-10
-100
10
1000
VGS = -10 V
100
-4.5
ID – VDS
-5
-3
-2
0
-4
-1
Common source
Ta
= 25°C
Pulse test
0
-0.2
-0.4
-0.6
-0.8
VGS = -2.1V
-2.2
-2.4
-2.3
-2.6
-2.5
-4.5
-10
-1.0
-2.8
-2.7
-3.5
-3
Common source
Ta
= 25°C
Pulse test
-8
-6
-4
-2
0
-10
0
-2
-5
-2.2
-2.3
-2.4
-2.7
-10
-2.5
-2.6
-4
-3
-1
-2.8
VGS = -2.1 V
-4.5
-3
-3.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com