Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8F01 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCP8F01
Description  TOSHIBA Multi-chip Device Silicon PNP Epitaxial Transistor , Field Effect Transistor Silicon N Channel MOS Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8F01 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCP8F01 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8F01 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TPCP8F01
2006-11-13
2
Common Absolute Maximum Rating (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Storage temperature range
Tstg
−55 to 150
°C
Note 3 : Black round marking "・" located on the left lower side of parts number
marking "8F01" indicates terminal No.1
* Weekly code: (Three digits)
1
2
3
4
8
7
6
5
8F01
Figure 2 Marking (Note 3)
*
Type
Lot No.
(Weekly code)
Week of manufacture
(01 for first week of year, continues up to 52 or 53)
Year of manufacture
(One low-order digits of calendar year)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com