Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8H01 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCP8H01
Description  TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8H01 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCP8H01 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8H01 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8H01 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8H01 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8H01 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8H01 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8H01 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8H01 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TPCP8H01
2006-11-13
3
MOS FET
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0
⎯
⎯
±
1
μ
A
Drain-Source breakdown voltage
V(BR)DSS
ID = 0.1 mA, VGS = 0
20
⎯
⎯
V
Drain cut-off current
IDSS
VDS = 20 V, VGS = 0
⎯
⎯
1
μ
A
Gate threshold voltage
V th
VDS = 3 V, ID = 0.1 mA
0.6
⎯
1.1
V
Forward transfer admittance
|
Yfs|
VDS = 3 V, ID = 10 mA
40
⎯
⎯
mS
ID = 10 mA , VGS = 4.0 V
⎯
1.5
3
ID = 10 mA , VGS = 2.5 V
⎯
2.2
4
Drain-Source ON resistance
RDS(ON)
ID = 1 mA , VGS = 1.5 V
⎯
5.2
15
Ω
Input capacitance
Ciss
⎯
9.3
⎯
Reverse transfer capacitance
Crss
⎯
4.5
⎯
Output capacitance
Coss
VDS = 3 V, VGS = 0, f= 1 MHz
⎯
9.8
⎯
pF
Turn-on time
ton
⎯
70
⎯
Switching time
Turn-off time
toff
See Figure 2 circuit diagram.
VDD ≒ 3 V, RL = 300 Ω
VGS = 0 to 2.5 V
⎯
125
⎯
ns
Precautions
Vth can be expressed as the voltage between gate and source when the low operating current value is ID=100 μA for
this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a
lower voltage than Vth.
(The relationship can be established as follows: VGS (off) < Vth < VGS (on))
Please take this into consideration when using the device. The VGS recommended voltage for turning on this
product is 2.5 V or higher.
Figure 2 Switching Time Test Circuit &
Timing Chart
Rg
Vout
RL
VDD
Vin
10us
2.5V
0
Gate Pulse Width 10μs, tr,tf<5ns
(Zout=50Ω),Common Source,Ta=25°C
Duty Cycle<1%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com