Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8H02 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCP8H02
Description  TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8H02 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCP8H02 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8H02 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TPCP8H02
2006-11-13
2
Common Absolute Maximum Rating (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Storage temperature range
Tstg
−55 to 150
°C
Marking (Note 4)
Note 4: The mark ” ” on the lower left of the marking indicates Pin 1.
*
Weekly code (three digits)
Electrical Characteristics (Ta = 25°C)
Transistor
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0
⎯
⎯
100
nA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
⎯
⎯
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
30
⎯
⎯
V
hFE (1)
VCE = 2 V, IC = 0.3 A
250
⎯
400
DC current gain
hFE (2)
VCE = 2 V, IC = 1.0 A
120
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 1.0 A, IB = 33 mA
⎯
⎯
140
mV
Base-emitter saturation voltage
VBE (sat)
IC = 1.0 A, IB = 33 mA
⎯
⎯
1.1
V
Collector output capacitance
Cob
VCB = 10V, IE = 0, f=1MHz
⎯
18
⎯
pF
Rise time
tr
⎯
40
⎯
Storage time
tstg
⎯
320
⎯
Switching time
Fall time
tf
See Figure 1 circuit diagram.
VCC ≒ 12 V, RL = 12 Ω
IB1 = -IB2 = 33 mA
⎯
25
⎯
ns
8H02
*
Type
Lot No.
(Weekly code)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
(Last digit of the calendar year)
IB2
IB1
20
μs
Output
Input
IB2
IB1
VCC
Duty cycle
< 1%
Figure 1 Switching Time Test Circuit & Timing Chart



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com