Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1534 Datasheet(PDF) 1 Page - ams AG

Part # AS1534
Description  12-bit, 8-Channel, Low-Power, 200ksps A/D Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1534 Datasheet(HTML) 1 Page - ams AG

  AS1534 Datasheet HTML 1Page - ams AG AS1534 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS1534
12-bit, 8-Channel, Low-Power, 200ksps A/D Converter
austriamicrosystems
Produ ct Brief
www.austriamicrosystems.com
Revision 1.03
1 - 2
1 General Description
The AS1534 is a low-power, 8-channel, 200ksps, 12-bit
analog-to-digital (A/D) converter specifically designed to
operate with single-supply devices. Superior AC charac-
teristics, very low power-consumption, and highly-reli-
able packaging make the AS1534 perfect for battery-
powered remote-sensor and data-acquisition devices.
The successive-approximation register (SAR), high-
speed sampling, high-bandwidth track/hold circuitry, and
configurable inputs combine to make the AS1534 highly-
flexible and configurable.
Internal registers are used to control the AS1534 fea-
tures, report on the status of the device, and hold the
A/D conversion results.
The device requires very low supply-current at the
200ksps max sampling speed, and features flexible
power-down modes to reduce power consumption at
slower throughput rate.
The AS1534 operates from a single +3 to +3.6V supply
and contains an internal 2.5V reference and integrated
reference buffer. The device also supports an external
reference.
Data accesses are made via the fast 8-/16-bit parallel
interface in support of a wide range of microprocessors.
The AS1534 is available in a 44-pin PQFP package.
Figure 1. Block Diagram
2 Key Features
!
Sampling Rate: 200ksps
!
8- and 16-Bit Parallel Interface
!
Analog Input Types:
- 8-Channel Single-Ended
- 4-Channel Pseudo-Differential
- 4-Channel Fully-Differential
!
Software-Configurable Unipolar or Bipolar Inputs
!
Internal +2.5V Reference
!
External Reference: 1.2V to VDD
!
Low-Power Operation:
- 7.5mW (VDD = 3 V)
- 1.5mW (Using Automatic Power-Down after Con-
version; VDD = 3 V, 10ksps)
!
Single-Supply Operation: +3 to +3.6V
!
44-pin PQFP Package
3 Applications
The device is ideal for remote sensors, data-acquisition
and data-logging devices, pen-digitizers, process con-
trol, or any other space-limited A/D application with low
power-consumption requirements.
8:15
AIN0:AIN7
AS1534
12-Bit SAR
and A/D
Conversion
Control
+2.5V
REF
I/P
MUX
REFIN/
REFOUT
DB0:DB15
40
BUSY
41
CONVSTN
39
CLKIN
28
DGND
27
DVDD
18
SLEEPN
Track/
Hold
Comp-
arator
3
Buffer
7
CREF2
Parallel Interface
Controller Register
6
CREF1
Charge
Redistribution
DAC
43
RDN
44
CSN
2
WBN
42
WRN
5
AGND
4
AVDD
29
DB8/HBEN
150k


Similar Part No. - AS1534

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1530 AMSCO-AS1530 Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1530-T AMSCO-AS1530-T Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1530-T AMSCO-AS1530-T Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
More results

Similar Description - AS1534

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
logo
National Semiconductor ...
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Linear Technology
LTC1863 LINER-LTC1863 Datasheet
315Kb / 16P
12-/16-Bit, 8-Channel 200ksps ADCs
logo
National Semiconductor ...
ADC081S021 NSC-ADC081S021 Datasheet
720Kb / 17P
Single Channel, 50 to 200ksps, 8-Bit A/D Converter
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Texas Instruments
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Analog Devices
AD370 AD-AD370_15 Datasheet
1Mb / 5P
COMPLETE LOW POWER 12 BIT D/A CONVERTER
logo
Linear Technology
LTC1863 LINER-LTC1863_15 Datasheet
466Kb / 18P
12-/16-Bit, 8-Channel 200ksps ADCs
LTC1867 LINER-LTC1867_15 Datasheet
466Kb / 18P
12-/16-Bit, 8-Channel 200ksps ADCs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com