Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8002 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCP8002
Description  TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8002 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCP8002 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCP8002
2007-01-16
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
⎯
⎯
±10
μA
Drain cut-off current
IDSS
VDS = 20 V, VGS = 0 V
⎯
⎯
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
20
⎯
⎯
Drain-source breakdown
voltage
V (BR) DSX
ID = 10 mA, VGS = −12 V
8
⎯
⎯
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 0.2 mA
0.5
⎯
1.2
V
VGS = 2.5 V, ID = 4.5 A
⎯
10
13.7
Drain-source ON-resistance
RDS (ON)
VGS = 4.5 V, ID = 4.5 A
⎯
7
10
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 4.5 A
18
36
⎯
S
Input capacitance
Ciss
⎯
3700
⎯
Reverse transfer capacitance
Crss
⎯
400
⎯
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
⎯
450
⎯
pF
Rise time
tr
⎯
14
⎯
Turn-on time
ton
⎯
24
⎯
Fall time
tf
⎯
30
⎯
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
⎯
110
⎯
ns
Total gate charge
(gate-source plus gate-drain)
Qg
⎯
48
⎯
Gate-source charge 1
Qgs1
⎯
8
⎯
Gate-drain (“Miller”) charge
Qgd
VDD ≈ 16 V, VGS = 5 V, ID = 9.1 A
⎯
12
⎯
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
⎯
⎯
⎯
36.4
A
Forward voltage (diode)
VDSF
IDR = 9.1 A, VGS = 0 V
⎯
⎯
−1.2
V
VDD ∼− 10 V
0 V
VGS
5 V
ID = 4.5 A
VOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com