Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP23N50LPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFP23N50LPBF
Description  HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190廓 , Trr typ. = 170ns , ID = 23A )
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP23N50LPBF Datasheet(HTML) 8 Page - International Rectifier

  IRFP23N50LPBF Datasheet HTML 1Page - International Rectifier IRFP23N50LPBF Datasheet HTML 2Page - International Rectifier IRFP23N50LPBF Datasheet HTML 3Page - International Rectifier IRFP23N50LPBF Datasheet HTML 4Page - International Rectifier IRFP23N50LPBF Datasheet HTML 5Page - International Rectifier IRFP23N50LPBF Datasheet HTML 6Page - International Rectifier IRFP23N50LPBF Datasheet HTML 7Page - International Rectifier IRFP23N50LPBF Datasheet HTML 8Page - International Rectifier IRFP23N50LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRFP23N50LPbF
8
www.irf.com
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 17. For N-Channel HEXFET® Power MOSFETs
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com