Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8201 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCP8201
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8201 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCP8201 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCP8201
2007-01-16
4
Drain current ID (A)
RDS (ON) – ID
Gate
−source voltage VGS
(V)
ID – VGS
Common source
VDS = 10 V
Pulse test
Ta
= −55°C
25
100
Gate-source voltage VGS
(V)
VDS – VGS
Drain
−source voltage VDS
(V)
ID – VDS
5
4
2
1
0
VGS = 2.8 V
Common source
Ta
= 25°C
Pulse test
3.2
4.5
3.0
3.8
6.0
3.5
10
3
Drain
−source voltage VDS
(V)
ID – VDS
Drain current ID (A)
⎪Yfs⎪ – ID
VGS = 2.8 V
Common source
Ta
= 25°C
Pulse test
3.8
6.0
4.5
3.0
10
3.5
3.2
ID = 4A
Common source
Ta
= 25℃
Pulse test
2
1
Common source
VDS = 10 V
Pulse test
25
100
Ta
= −55°C
10
0.1
1
10
30
100
Common source
Ta
= 25°C
Pulse test
VGS = 10V
4.5
0
0.8
1.0
0.2
0.4
0.6
8.0
8.0
10
8
4
2
0
6
0
4
5
1
2
3
0
0
4
5
1
2
3
8
6
2
4
0
0
8
10
2
4
6
2.0
1.6
0.8
0.4
1.2
0.1
0
10
1
0.3
1
3
100
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com