Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP66A Datasheet(PDF) 3 Page - EPCOS

Part # LP66A
Description  SAW band-stop filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LP66A Datasheet(HTML) 3 Page - EPCOS

  LP66A Datasheet HTML 1Page - EPCOS LP66A Datasheet HTML 2Page - EPCOS LP66A Datasheet HTML 3Page - EPCOS LP66A Datasheet HTML 4Page - EPCOS LP66A Datasheet HTML 5Page - EPCOS LP66A Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
January 24, 2006
LP66A
620.00 MHz
SAW Components
SAW band–stop filter
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
Matching network (element values depend on PCB layout)
LP66A1)
1) Values in columns min, typ and max indicate the development status of the current version.
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
620.00
MHz
Minimum insertion attenuation
α
max
(including losses in the matching network)
470.00 ...
707.00 MHz
0.9
1.2
dB
470.00 ...
770.00 MHz
0.9
1.2
dB
Maximum insertion attenuation
α
max
(including losses in the matching network)
470.00 ...
707.00 MHz
1.8
2.0
dB
470.00 ...
770.00 MHz
1.8
2.0
dB
Attenuation
α
200.00 MHz
40.0
45.0
dB
820.00 ...
830.00 MHz
39.0
41.0
dB
Group delay ripple (p-p)
∆τ
470.00 ...
707.00 MHz
3
ns
470.00 ...
770.00 MHz
5
ns
Lp1 = 20 nH
Lp2 = 8.7 nH
Lc = 5.6 nH
Lc
Lp1
Lp2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com