Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8301 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCP8301
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8301 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCP8301 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8301 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8301 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8301 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8301 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8301 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8301 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCP8301
2006-11-17
4
−0.8
−1.2
−2.0
−2.4
0
−0.4
−0.8
−1.2
−1.6
−2.0
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
−2
−4
−6
−8
−10
0
−4
−8
−12
−16
−20
0
−4
−6
−10
−12
0
−0.4
0
−0.2
−0.3
−0.4
−0.5
−0.6
0
−2
−4
−6
−8
−10
1
10
100
−0.1
−1
−10
Common source
Ta
= 25°C
Pulse test
VGS = −2 V
−2.5
10
1000
100
−4.5
−0.1
−1
−10
−8
−2
Common source
Ta
= 25°C
Pulse test
−3
−1.8
VGS = −1.4 V
−4
−10
−6
−1.6
−2.0
−2.5
−8
Ta
= −55°C
100
25
Common source
VDS = −10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
−2.5
ID = −5 A
−1.3
Common source
VDS = 10 V
Pulse test
Ta
= −55°C
25
100
−1.6
−0.1
−1.6
Common source
Ta
= 25°C
Pulse test
−10
−6
−3
−2.8
−2.4
−2.2
−2.0
−1.8
VGS = −1.4 V
−4
−8
−2.6
Drain
−source voltage VDS (V)
Drain-source voltage VDS (V)
Gate
−source voltage VGS (V)
Gate
−source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com