Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8401 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCP8401
Description  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8401 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCP8401 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 8Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPCP8401
2006-11-13
2
N-ch
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Gate-source voltage
VGSS
±10
V
DC
(Note 1)
ID
0.1
Drain current
Pulse
(Note 1)
IDP
0.2
A
Channel temperature
Tch
150
°C
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.12
mJ
Channel temperature
Tch
150
°C
This transistor is an electrostatic-sensitive device. Handle with caution.
Common Absolute Maximum Ratings (Ta=25°C )
Characteristics
Symbol
Rating
Unit
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2a)
Rth (ch-a)
63.8
°C/W
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2b)
Rth (ch-a)
125
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: (a) Mounted on FR4 board (glass epoxy, 0.8mm thick, Cu area: 25.4mm2) (t = 5s)
(b) Mounted on FR4 board (glass epoxy, 0.8mm thick, printed minimum pad dimensions: 25.4mm2) (t = 5s)
Note 3: VDD = −10 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = −2.75 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5: “●” on the lower left of the marking indicates pin 1.
“*” shows the lot number, which consists of three digits. The first digit denotes the year of manufacture,
expressed as the last digit of the calendar year; the next two digits denote the week of manufacture.
Week of manufacture
(01 for the first week of year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com